Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXB250 Datasheet(PDF) 2 Page - Emerson Network Power

Part # EXB250
Description  72-165 W High Efficiency DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

EXB250 Datasheet(HTML) 2 Page - Emerson Network Power

  EXB250 Datasheet HTML 1Page - Emerson Network Power EXB250 Datasheet HTML 2Page - Emerson Network Power EXB250 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
N
No
otte
es
s
1
di/dt = 0.1 A/µs, Vin = 48 Vdc, Tc = 25 °C, load change = 0.5 lo max.
to 0.75 lo max. and 0.75 lo max. to 0.5 lo max.
2
The EXB250 meets level A and level B conducted emissions only with
external components connected before the input pins to the converter.
See Application Note 119.
3
Recommended input fusing is a 10 A HRC 200 V rated fuse.
4
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
5
Measured with no external Pi filter. Significant reduction possible with
external filter. See Application Note 119.
6
Start-up into resistive load.
7
For the pin length of Modified Standard products please consult the
factory.
8
The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
9
NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.
PROTECTION
Short circuit
Continuous
Overvoltage
Non-latching clamp
TELECOM SPECIFICATION
Central office interface A
ETS300-132-2 input voltage
and current requirements
EXB250 Series
Single output
DC-DC CONVERTERS
72-165 W High Efficiency DC-DC Converters
2
File Name: exb250s.pdf Rev (02): 06 Dec 2005
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(8,9)
(MAX.)
(MIN.)
(MAX.)
72 W
33-75 Vdc
1.44 Vdc
1.2 V
0 A
60 A
84.0%
±0.2%
±0.2%
EXB250-48S1V2J
90 W
33-75 Vdc
1.8 Vdc
1.5 V
0 A
60 A
85.5%
±0.1%
±0.2%
EXB250-48S1V5J
108 W
33-75 Vdc
2.2 Vdc
1.8 V
0 A
60 A
87.0%
±0.1%
±0.2%
EXB250-48S1V8J
150 W
33-75 Vdc
3 Vdc
2.5 V
0 A
60 A
88.0%
±0.1%
±0.2%
EXB250-48S2V5J
165 W
33-75 Vdc
4 Vdc
3.3 V
0 A
50 A
90.0%
±0.1%
±0.2%
EXB250-48S3V3J
165 W
33-75 Vdc
6 Vdc
5 V
0 A
33 A
91.7%
±0.1%
±0.2%
EXB250-48S05J
165 W
33-75 Vdc
14.4 Vdc
12 V
0 A
13.75 A
92.0%
±0.1%
±0.2%
EXB250-48S12J
EXB250-48S1V2-ZRNJ
Part Number System with Options
EX = Open Frame, Through Hole
B = 1/2 Brick
Output Wattage Class
250 = 250 Watts
Input Voltage
48 = 48 Volts (33 Vdc to 75 Vdc range)
Number of Outputs
S = Single
Control Logic
Blank = Positive
R = Negative
Output Voltage
1V2 = 1.2 V, 1V5 = 1.5 V etc
Pin Length of Standard Product
Blank = 0.210 ” (5.33 mm)
Pin Length of Modified Standard Products
N = 0.145 ” (3.68 mm)
K = 0.110 ” (2.79 mm)
RoHS Compliance (8,9)
J = Pb-free (RoHS 6/6 compliant)
Blank = Standard Product
Z = Zero Undershoot,
Soft Turn-off Characteristic
(Applies to 1.5 V, 1.8 V,
2.5 V and 3.3 V models only)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com