Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXB250 Datasheet(PDF) 3 Page - Emerson Network Power

Part # EXB250
Description  72-165 W High Efficiency DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

EXB250 Datasheet(HTML) 3 Page - Emerson Network Power

  EXB250 Datasheet HTML 1Page - Emerson Network Power EXB250 Datasheet HTML 2Page - Emerson Network Power EXB250 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1+Vin
2
Remote On/Off
3
No Function
4-Vin
5
-Vout
6
-Sense
7
Trim
8
+Sense
9
+Vout
EXB250 Series
Single output
DC-DC CONVERTERS
72-165 W High Efficiency DC-DC Converters
3
Please consult our website for the following items:
 Application Note  Longform Datasheet
www.artesyn.com
File Name: exb250s.pdf Rev (02): 06 Dec 2005
9
8
4
3
2
6
1
5
Ø0.128 [Ø3.25]
(4 PLS)
Ø0.054 [Ø1.37]
(7 PLS)
Ø0.094 [Ø2.39]
(2 PLS)
2.280 [57.91]
2.000
[50.80]
2.400
[60.96]
0.200 [5.08]
0.190 [4.83]
1.900 [48.26]
1.700 [43.18]
1.300 [33.02]
1.000 [25.40]
Recommended Hole Pattern
0.700 [17.78]
0.300 [7.62]
0.000 [0.00]
7
Ø0.080
(2 PLS)
1.700 [43.18]
1.300 [33.02]
1.000 [25.40]
0.700 [17.78]
0.300 [7.62]
0.000 [0.00]
M3x0.5 Threaded
Through (4 PLS)
Ø0.040
(7 PLS)
1
2
3
45
6
7
8
9
0.500 [12.70]
*0.21 [5.33]
ALL DIMENSIONS IN INCHES [mm]
*Standard available pin length.
0.145 (3.68) and 0.110 (2.79)
options also available. (See
Notes 8 and 9 for ordering details).
BOTTOM
VIEW
TOP
VIEW
International Safety Standard Approvals
UL/cUL : UL1950 File No. E135734
TÜV
TÜV Rheinland File No. 10401-336-0209. Licence No. 40013414
CB Scheme No.DE1-32227



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com