Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD847 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD847
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD847 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD847 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD847 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistor
2SD847
DESCRIPTION
·Good Linearity of hFE
·High Collector Current
·Wide Area of Safe Operation
·High Reliability
·Complement to Type 2SB757
APPLICATIONS
·Audio amplifier applications
·Series regulators applications
·General purpose power amplifiers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base voltage
5
V
IC
Collector Current-Continuous
15
A
IB
Base Current-Continuous
5
A
PC
Collector Power Dissipation
@ TC=25℃
80
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.56
℃/W


Similar Part No. - 2SD847

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD847 ETC-2SD847 Datasheet
123Kb / 3P
HIGH POWER DARLINGTON HIGH SPEED SWITCHING
logo
Savantic, Inc.
2SD847 SAVANTIC-2SD847 Datasheet
143Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SD847 NJSEMI-2SD847 Datasheet
131Kb / 1P
TRIPLE DIFFUSED PLANER TYPE HIGH POWER DATLINGTON
More results

Similar Description - 2SD847

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com