Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP25 Datasheet(PDF) 1 Page - Emerson Network Power

Part # NLP25
Description  20-25 W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP25 Datasheet(HTML) 1 Page - Emerson Network Power

  NLP25 Datasheet HTML 1Page - Emerson Network Power NLP25 Datasheet HTML 2Page - Emerson Network Power NLP25 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
20-25 W AC/DC Universal Input Switch Mode Power Supplies
1
2 YEAR WARRANTY
NLP25 Series
Single, dual and triple output
• 4.00 x 2.07 x 0.91 inch package
• Overvoltage protection and short circuit protection
• 25 W with free air convection cooling
• EN55022, EN55011 conducted emissions level B
• UL, VDE, CSA and CCC safety approvals
• Available RoHS compliant
The NLP25 series is a 25 W universal input ac-dc power supply on a 4.00 x 2.07
inch card with a profile of less than 1 inch. The availability of four single output and
three multiple output models in an extremely small package size make the NLP25
ideal for use in space critical, low power communication applications requiring an
off line power solution. The NLP25 provides 25 W of output power with free air
convection cooling which can peak at 30 W for 60 seconds. Standard features
include overvoltage and short circuit protection. The series, with full international
safety approvals and the CE mark, meets conducted emissions EN55022 level B
and complies to EN61000-4-2,-3,-4, -5 and -6 immunity standards. The NLP25
series is designed for use in off line, low power data networking and computer
applications with limited space, such as hubs, routers, POS terminals, external disk
storage and cable modems. The availability of 5 V outputs in single and multiple
configurations provides a solution for a myriad of microprocessor applications.
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
EMC CHARACTERISTICS
Radiated emissions
EN55022/11, FCC part 15
Level A
Conducted emissions
EN55022/11, FCC part 15
Level B
Electrostatic discharge
EN61000-4-2
Level 2
Electrical fast
EN61000-4-4
Level 3
transients/bursts
Surge susceptibility
EN61000-4-5
Level 3
RF field susceptibility
EN61000-4-3
Level 3
RF conducted
EN61000-4-6
Level 3
disturbance
GENERAL SPECIFICATIONS
Hold-up time
110 Vac @ full load
5 ms typ.
Efficiency
110 Vac @ full load
70% typ.
Isolation voltage
Input/output
3000 Vac
Input/chassis
1500 Vac
Switching frequency
Fixed
60 kHz, ±10 kHz
Approvals and
EN60950, IEC950
standards
VDE0805, UL1950, CCC60950
(See Notes 4, 8)
CSA C22.2 No. 950
Weight
115 g (4 oz)
MTBF
MIL-HDBK-217F
150,000 hours min.
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient, FL
0 °C to +50 °C
(See Notes 7, 8)
Non-operating
-40 °C to +85 °C
0 °C to 50 °C, ambient,
Full load
convection cooled
Peak
See Note 1
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 6)
5-500 Hz
2.4 G rms peak
Shock
MIL-STD-810E
516.4 Part IV
OUTPUT SPECIFICATIONS
Total regulation
Main output
±2.0%
(Line and load)
Auxiliary outputs
±5.0%
Overshoot/undershoot
At turn-on
2.0%
Transient response
Main output
±5.0% max. dev.,
50% to 100%
1 ms recovery
full load step
to 1.0%
Temperature coefficient
±0.02%/°C
Overvoltage protection
Main output
See table
Short circuit protection
Continuous with
autorestart
Minimum output current
See table
INPUT SPECIFICATIONS
Input voltage range
Universal input
90-264 Vac
127-375 Vdc
Input frequency range
47-440 Hz
Input current
90 Vac
0.75 A rms max.
230 Vac
0.35 A rms max.
Safety ground
120 Vac, 60 Hz
0.2 mA
leakage current
230 Vac, 50 Hz
0.4 mA
SPECIFICATIONS
File Name: NLP25.PDF Rev (02): 08 Nov 2005


Similar Part No. - NLP25

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP25 ARTESYN-NLP25 Datasheet
49Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP25-7605 ARTESYN-NLP25-7605 Datasheet
49Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP25-7607 ARTESYN-NLP25-7607 Datasheet
49Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP25-7608 ARTESYN-NLP25-7608 Datasheet
49Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
NLP25-7612 ARTESYN-NLP25-7612 Datasheet
49Kb / 3P
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
More results

Similar Description - NLP25

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
25W AC/DC Universal Input Switch Mode Power Supplies
NFS80 ARTESYN-NFS80 Datasheet
118Kb / 3P
80-110 W AC-DC Universal Input Switch Mode Power Supplies
NLP65-3300J ARTESYN-NLP65-3300J Datasheet
91Kb / 3P
33 W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3334 ARTESYN-NLP65-3334 Datasheet
86Kb / 3P
50 W AC/DC Universal Input Switch Mode Power Supplies
NLP250 ARTESYN-NLP250 Datasheet
424Kb / 3P
250 W AC/DC Universal Input Switch Mode Power Supplies
NLS110-9602J ARTESYN-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
logo
Emerson Network Power
NLP40 EMERSON-NETWORKPOWER-NLP40 Datasheet
91Kb / 3P
40-50 W AC/DC Universal Input Switch Mode Power Supplies
NLP70 EMERSON-NETWORKPOWER-NLP70 Datasheet
89Kb / 3P
70 W AC/DC Universal Input Switch Mode Power Supplies
NLP150L EMERSON-NETWORKPOWER-NLP150L Datasheet
88Kb / 3P
110-150 W AC/DC Universal Input Switch Mode Power Supplies
NLS110-9602J EMERSON-NETWORKPOWER-NLS110-9602J Datasheet
95Kb / 3P
80-110 W AC/DC Universal Input Switch Mode Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com