Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP25 Datasheet(PDF) 2 Page - Emerson Network Power

Part # NLP25
Description  20-25 W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP25 Datasheet(HTML) 2 Page - Emerson Network Power

  NLP25 Datasheet HTML 1Page - Emerson Network Power NLP25 Datasheet HTML 2Page - Emerson Network Power NLP25 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Peak output current lasting less than 60 seconds with duty cycle less than
5.0%. During peak loading, output voltage may exceed total regulation
limits.
2
20 MHz bandwidth, peak to peak, measured differentially with a 12 inch
twisted pair of number 16 AWG copper wire, terminated with a 47 µF
capacitor of proper polarity and voltage rating.
3
Total regulation is defined as the static output regulation at 25 ºC, including
initial tolerance, line voltage within stated limit, load current within stated
limit, and output voltage adjusted to their factory settings. To achieve
specified regulation on multiple output models, minimum loads are required
on V(A) and V(B) as outlined in above table.
4
To maintain user-system safety approvals, the input power cable must be
appropriately rated and approved.
5
Main output voltage is protected by a Zener diode.
6
Three orthogonal axes, random vibration 10 minutes for each axes, 2.4 G
rms 5 Hz to 500 Hz.
7
CAUTION: Allow a minimum of 5 seconds after disconnecting line power
when making thermal measurements.
8
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
9
All models of the NLP25 series are floating output except for the NLP25-
7612J unit. The NLP25-7612J unit has its 0 Vdc output (return on J2 pins
2 and 4) directly connected to the incoming earth/ac ground. For the NLP-
7612J floating output please consult Artesyn Technologies.
10 The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
11 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
NLP25 Series
Single, dual and triple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
20-25 W AC/DC Universal Input Switch Mode Power Supplies
2
File Name: NLP25.PDF Rev (02): 08 Nov 2005
OUTPUT PIN CONNECTIONS
J2
SINGLE
DUAL
TRIPLE
Pin 1
V (A)
No Connection
V (C)
Pin 2
Return
Return
Return
Pin 3
V (A)
V (A)
V (A)
Pin 4
Return
Return
Return
Pin 5
V (A)
V (B)
V (B)
INPUT
PIN CONNECTIONS
J1
Pin 1
AC Ground
Pin 3
AC Line
Pin 5
AC Neutral
OUTPUT
OUTPUT
OUTPUT CURRENT
RIPPLE (2)
OVP
TOTAL
MODEL
POWER
VOLTAGE
MIN (3)
MAX
PEAK (1)
THRESHOLD (5) REGULATION (3)
NUMBER (9,10,11)
20.8 W
+5 V (IA)
0.2 A
2 A
2.5 A
50 mV
5.6-6.9 V
±2.0%
NLP25-7608J
+12 V (IB)
0.1 A
0.8 A
1.2 A
120 mV
±5.0%
–12 V (IC)0 A
0.1 A
0.15 A
50 mV
±5.0%
20.1 W
+5 V (IA)
0.2 A
2 A
2.5 A
50 mV
5.6-6.9 V
±2.0%
NLP25-7607J
+12 V (IB)
0.1 A
0.8 A
1.2 A
120 mV
±5.0%
–5 V (IC)0 A
0.1 A
0.15 A
50 mV
±5.0%
19.6 W
+5 V (IA)
0.2 A
2 A
2.5 A
50 mV
5.6-6.9 V
±2.0%
NLP25-7629J
+12 V (IB)
0.1 A
0.8 A
1.2 A
120 mV
±5.0%
25 W
+5 V
0 A
5 A
6 A
50 mV
5.6-6.9 V
±2.0%
NLP25-7605J
25 W
+12 V
0 A
2.08 A
2.5 A
120 mV
14-16.7 V
±2.0%
NLP25-7612J
25 W
+24 V
0 A
1.04 A
1.25 A
150 mV
29-34.2 V
±2.0%
NLP25-7624J
25 W
+48 V
0 A
0.52 A
0.6 A
150 mV
55-60 V
±2.0%
NLP25-7617J



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com