Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLP25 Datasheet(PDF) 3 Page - Emerson Network Power

Part # NLP25
Description  20-25 W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP25 Datasheet(HTML) 3 Page - Emerson Network Power

  NLP25 Datasheet HTML 1Page - Emerson Network Power NLP25 Datasheet HTML 2Page - Emerson Network Power NLP25 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NLP25 Series
Single, dual and triple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
20-25 W AC/DC Universal Input Switch Mode Power Supplies
3
www.artesyn.com
File Name: NLP25.PDF Rev (02): 08 Nov 2005
J2
2.07
±0.02
(52.58
±0.5)
ALL DIMENSIONS IN INCHES (mm)
1
ø0.125
±0.01
(ø3.18
±0.25)
4.00
±0.02
(101.60
±0.5)
3.730
±0.02
(94.74
±0.5)
1.80
±0.02
(45.72
±0.5)
If Metallic fastners are used, Max. stand-off dia.
should be 0.212 (5.38) and the screw or washer
should not protrude beyond the circle.
J1
5
3
1
Maximum
Component
Height 0.91 (23.11)
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 10401-3336-0118
Licence No. 104743
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062
China Compulsory Certification 60950
Input and output connectors
Mating connectors
AC (J1) connector type
AC (J1) mating connector type
Molex 22-23-2051 or equivalent.
Molex 22-01-2057 with Molex
08-52-0123 crimp terminals
or equivalent.
DC (J2) connector type
DC (J2) mating connector type
Molex 22-23-2051 or equivalent.
Molex 22-01-2057 with Molex
08-52-0123 crimp terminals
or equivalent.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com