Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS355 Datasheet(PDF) 1 Page - Emerson Network Power

Part # NTS355
Description  Active power factor correction
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NTS355 Datasheet(HTML) 1 Page - Emerson Network Power

  NTS355 Datasheet HTML 1Page - Emerson Network Power NTS355 Datasheet HTML 2Page - Emerson Network Power NTS355 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 11.24.08
NTS350 Series
1 of 3
Embedded Power for
Business-Critical Continuity
NTS350 Series
350 Watts
Special Features
Active power factor correction
IEC EN6100-3-2 compliance
Remote sense
Power fail and remote inhibit
Single wire current sharing
Built-in EMI filter
Low output ripple
5V standby
12V fan output
Overvoltage protection
Overload protection
Thermal overload protection
DC power good
Built in OR-ing diode / FET
Optional fan cover (-CF suffix)
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Total Power:
200 - 350 Watts
Input Voltage:
85 - 264 VAC
120 - 300VDC
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range
85 - 264 VAC (wide range)
Frequency
47-440 Hz
Inrush current
38A max., cold start @ 25°C
Efficiency
85% typical at full load
EMI filter
FCC Class B conducted and radiated; CISPR22 Class B conducted and radi-
ated; EN55022 Class B conducted and radiated; VDE0878PT3 Class B con-
ducted and radiated.
Safety ground leakage
current
<0.5mA @ 50/60 Hz, 264 VAC input
Output
Maximum power
200W for convection; 350W with 30CFM forced air
Adjustment range
±5%
Standby output
5V @ 2A regulated, ±5%
Fan output
12 V @ 1A, -5 %, +7%, 0.5A for -CF version
Hold-up time
20 ms @ 350 W load, 115 VAC nominal line at factory voltage setting
Overload protection
Short circuit protection on all outputs. Case overload protected @ 115-
130% above peak rating
Overvoltage protection 20-35% above nominal output
TUV
60950
UL
0950
CSA
60950
NEMKO
60950
AUSTEL
60950
CB
Certificate and report
CE
Mark (LVD)
•
•
•
•
•
•
•


Similar Part No. - NTS355

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NTS355 ARTESYN-NTS355 Datasheet
891Kb / 5P
Active power factor correction
NTS355 ARTESYN-NTS355 Datasheet
891Kb / 5P
Single wire current sharing
More results

Similar Description - NTS355

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
Active Power Factor Correction
HPS35 EMERSON-NETWORKPOWER-HPS35 Datasheet
864Kb / 4P
Active Power Factor Correction
LPQ250 EMERSON-NETWORKPOWER-LPQ250 Datasheet
404Kb / 3P
Active power factor correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
Active power factor correction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com