Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1350CSW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1350CSW
Description  3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1350CSW Datasheet(HTML) 8 Page - Linear Technology

  LTC1350CSW Datasheet HTML 1Page - Linear Technology LTC1350CSW Datasheet HTML 2Page - Linear Technology LTC1350CSW Datasheet HTML 3Page - Linear Technology LTC1350CSW Datasheet HTML 4Page - Linear Technology LTC1350CSW Datasheet HTML 5Page - Linear Technology LTC1350CSW Datasheet HTML 6Page - Linear Technology LTC1350CSW Datasheet HTML 7Page - Linear Technology LTC1350CSW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1350
1350fa
 LINEAR TECHNOLOGY CORPORATION 1993
LW/TP 0103 1K REV A • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1137A
5V, 3 Driver, 5 Receiver RS232 Transceiver
±15kV ESD per IEC 1000-4
LTC1327
3.3V, 3 Driver, 5 Receiver RS562 Transceiver
300µA Supply Current, 0.2µA in Shutdown
LTC1337
5V, 3 Driver, 5 Receiver RS232 Transceiver
300µA Supply Current, 1µA in Shutdown
LTC1348
3.3V to 5V, 3 Driver, 5 Receiver RS232 Transceiver
True RS232 on 3.3V, 5 Receivers Active in Shutdown
LTC1385
3.3V, 2 Driver, 2 Receiver RS562 Transceiver
200µA Supply Current, 2 Receivers Active in Shutdown
LTC1386
3.3V, 2 Driver, 2 Receiver RS562 Transceiver
200µA Supply Current, Narrow 16-Pin SO
LTC2844
3.3V, Software-Selectable Multiprotocol Transceiver
4 Drivers, 4 Receivers for Control Signals Including LL
LTC2845
3.3V, Software-Selectable Multiprotocol Transceiver
5 Drivers, 5 Receivers for Control Signals Including LL, RL and TM
LTC2846
3.3V, Software-Selectable Multiprotocol Transceiver
4 Drivers, 4 Receivers with Termination for Data/Clock
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 ● FAX: (408) 434-0507 ● WWW.linear.com
PACKAGE DESCRIPTIO
S28 (WIDE) 0502
0° – 8° TYP
NOTE 3
.009 – .013
(0.229 – 0.330)
.016 – .050
(0.406 – 1.270)
.291 – .299
(7.391 – 7.595)
NOTE 4
× 45°
.010 – .029
(0.254 – 0.737)
.037 – .045
(0.940 – 1.143)
.004 – .012
(0.102 – 0.305)
.093 – .104
(2.362 – 2.642)
.050
(1.270)
BSC
.014 – .019
(0.356 – 0.482)
TYP
NOTE 3
.697 – .712
(17.70 – 18.08)
NOTE 4
1
23
4
5
6
78
.394 – .419
(10.007 – 10.643)
910
25
26
11
12
22
21
20
19
18
17
16
15
23
24
14
N/2
13
27
28
N
.420
MIN
.325 ±.005
RECOMMENDED SOLDER PAD LAYOUT
.045 ±.005
N
12
3
N/2
.050 BSC
.030 ±.005
TYP
.005
(0.127)
RAD MIN
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
4. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
RELATED PARTS
SW Package
28-Lead Plastic Small Outline (Wide .300 Inch)
(Reference LTC DWG # 05-08-1620)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com