Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1350CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1350CSW
Description  3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1350CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1350CSW Datasheet HTML 1Page - Linear Technology LTC1350CSW Datasheet HTML 2Page - Linear Technology LTC1350CSW Datasheet HTML 3Page - Linear Technology LTC1350CSW Datasheet HTML 4Page - Linear Technology LTC1350CSW Datasheet HTML 5Page - Linear Technology LTC1350CSW Datasheet HTML 6Page - Linear Technology LTC1350CSW Datasheet HTML 7Page - Linear Technology LTC1350CSW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1350
1350fa
3.3V Low Power
EIA/TIA-562 3-Driver/
5-Receiver Transceiver
■
Low Supply Current: 300µA
■
Receivers 4 and 5 Kept Alive
in Shutdown: 35µA
■
ESD Protection: ±10kV
■
Operates from a Single 3.3V Supply
■
Uses Small Capacitors: 0.1µF
■
Operates to 120kBaud
■
Three-State Outputs are High Impedance
When Off
■
Output Overvoltage Does Not Force Current
Back into Supplies
■
EIA/TIA-562 I/O Lines Can Be Forced to ±25V
Without Damage
■
Flowthrough Architecture
The LTC
®1350 is a 3-driver/5-receiver EIA/TIA-562
transceiver with very low supply current. In the no load
condition, the supply current is only 300µA. The charge
pump only requires four 0.1µF capacitors.
In Shutdown mode, two receivers are kept alive and the
supply current is only 35µA. All RS232 outputs assume
a high impedance state in Shutdown or with the power
off.
The LTC1350 is fully compliant with all data rate and
overvoltage EIA/TIA-562 specifications. The transceiver
can operate up to 120kbaud with a 1000pF and 3kΩ load.
Both driver outputs and receiver inputs can be forced to
±25V without damage and can survive multiple ±10kV
ESD strikes.
■
Notebook Computers
■
Palmtop Computers
3-Drivers/5-Receivers with Shutdown
Quiescent and Shutdown Supply Current
vs Temperature
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V+
VCC
C1+
C1–
DR1 OUT
RX1 IN
DR2 OUT
RX2 IN
RX3 IN
RX4 IN
DR3 OUT
RX5 IN
ON/OFF
NC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V –
C2+
C2–
DR1 IN
RX1 OUT
DR2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DR3 IN
RX5 OUT
GND
NC
NC
LTC1350
LTC1350 • TA01
TEMPERATURE (˚C)
–40
400
500
600
20
60
LTC1350 • TA02
300
200
–20
0
40
80
100
100
0
TEST CONDITION: VCC = 3.3V
ALL DRIVER INPUTS TIED TO VCC
65
75
85
55
45
35
0
QUIESCENT
CURRENT
SHUTDOWN CURRENT
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1350CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1350CS LINER-LTC1350CS Datasheet
219Kb / 8P
3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
More results

Similar Description - LTC1350CSW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C335 NSC-DS14C335 Datasheet
179Kb / 9P
3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
Linear Technology
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
3.3V Micropower EIA/TIA-562 Transceiver
LTC1350 LINER-LTC1350 Datasheet
219Kb / 8P
3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1385 LINER-LTC1385 Datasheet
216Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385_1 Datasheet
207Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Dimensions Semic...
LTC1385IG-PBF LINEAR_DIMENSIONS-LTC1385IG-PBF Datasheet
223Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Technology
LTC1350 LINER-LTC1350_15 Datasheet
122Kb / 8P
3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
3.3V Low Power EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
3.3V Micropower EIA/TIA-562 Transceiver
logo
Texas Instruments
DS14C335 TI1-DS14C335_15 Datasheet
897Kb / 16P
3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com