Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1350CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1350CSW
Description  3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1350CSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1350CSW Datasheet HTML 1Page - Linear Technology LTC1350CSW Datasheet HTML 2Page - Linear Technology LTC1350CSW Datasheet HTML 3Page - Linear Technology LTC1350CSW Datasheet HTML 4Page - Linear Technology LTC1350CSW Datasheet HTML 5Page - Linear Technology LTC1350CSW Datasheet HTML 6Page - Linear Technology LTC1350CSW Datasheet HTML 7Page - Linear Technology LTC1350CSW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1350
1350fa
PI FU CTIO S
SWITCHI G TI E WAVEFOR S
1.4V
0V
VCC
0V
V+
V–
0V
DR
INPUT
DR
OUTPUT
1.4V
tHLD
tLHD
LTC1350 • F01
0.8V
VCC
0V
2.4V
RX
INPUT
RX
OUTPUT
1.3V
tHLR
1.7V
tLHR
LTC1350 • F02
VCC
0V
Figure 2. Receiver Propagation Delay Timing
Figure 1. Driver Propagation Delay Timing
C1+, C1–, C2+, C2–: Commutating Capacitor Inputs. These
pins require two external capacitors (C = 0.1µF): one from
C1+ to C1– and another from C2+ to C2 –. To maintain
charge pump efficiency, the capacitor’s effective series
resistance should be less than 20Ω.
DR IN: EIA/TIA-562 Driver Input Pins. Inputs are TTL/
CMOS compatible. Inputs should not be allowed to float.
Tie unused inputs to VCC.
DR OUT: Driver Outputs at EIA/TIA-562 Voltage Levels.
Outputs are in a high impedance state when in the Shutdown
mode or VCC = 0V. The driver outputs are protected against
ESD to ±10kV for human body model discharges.
RX IN: Receiver Inputs. These pins can be forced to ±25V
without damage. The receiver inputs are protected against
ESD to ±10kV for human body model discharges. Each
receiver provides 0.4V of hysteresis for noise immunity.
RX OUT: Receiver Outputs with TTL/CMOS Voltage Levels.
Receiver 1, 2 and 3 outputs are in a high impedance state
when in Shutdown mode to allow data line sharing.
Receivers 4 and 5 are kept alive in Shutdown.
VCC: 3.3V Input Supply Pin. Supply current is typically
35µA in the Shutdown mode. This pin should be decoupled
with a 0.1µF ceramic capacitor.
GND: Ground Pin.
ON/OFF: TTL/CMOS Compatible Shutdown Pin. A logic
low puts the device in the Shutdown mode with receivers
4 and 5 kept alive and the supply current equal to 35µA. All
driver and other receiver outputs are in high impedance
state. This pin cannot float.
V+: Positive Supply Output. V+ ≅ 2VCC – 1V. This pin
requires an external capacitor (C = 0.1µF) for charge
storage. The capacitor may be tied to ground or VCC. With
multiple devices, the V + and V – pins may be paralleled into
common capacitors. For a large number of devices,
increasing the size of the shared common storage
capacitors is recommended to reduce ripple.
V–: Negative Supply Output. V – ≅ – (2VCC – 1.3V). This
pin requires an external capacitor (C = 0.1µF) for charge
storage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com