Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL06C Datasheet(PDF) 1 Page - Emerson Network Power

Part # SIL06C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL06C Datasheet(HTML) 1 Page - Emerson Network Power

  SIL06C Datasheet HTML 1Page - Emerson Network Power SIL06C Datasheet HTML 2Page - Emerson Network Power SIL06C Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTERS
C Class Non-isolated
1
2 YEAR WARRANTY
SIL06C Series
5 Vin and 12 Vin single output
• 6 A current rating
• Input voltage range: 4.5 Vdc to 5.5 Vdc or 10.2 Vdc to 13.8 Vdc
• Output voltage range: 0.9 Vdc to 5.0 Vdc
• Industry leading value
• Cost optimised design
• Excellent transient response
• Output Voltage adjustability
• Pathway for future upgrades
• Supports silicon voltage migration
• Resulting in reduced design-in and qualification time
• Designed in reliability: MTBF of >7 million hrs
per Telcordia SR-332
• Available RoHS compliant
The SIL06C series is a new high density open frame non-isolated converter for space
sensitive applications. Each model has a wide input range (4.5 Vdc to 5.5 Vdc or 10.2 Vdc
to 13.8 Vdc) and offer a wide 0.9 Vdc to 5 Vdc output voltage range with a 6 A load. An
external resistor adjusts the output voltage from its pre-set value of 0.9 V to any value up to
the 5 V maximum. Typical efficiencies for the models are 89% for the 5 V input version and
91% for the 12 V input version. The SIL06C series offers remote ON/OFF and overcurrent
protection as standard. With full international safety approval including EN60950 and
UL/cUL60950, the SIL06C reduces compliance costs and time to market.
NEW Product
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS
Voltage adjustability
5 V input models
0.9-3.3 Vdc
(See Note 7)
12 V input models
0.9-5.0 Vdc
Output setpoint accuracy With 1.0% trim resistors
±2.5%
Line regulation
Low line to high line
±0.2% max.
Load regulation
Full load to min. load
±0.5% max.
Min./max. load
0 A/6 A
Overshoot
5 V input models
3.0% max.
(at turn on)
12 V input models
1.0% max.
Undershoot
100 mV max.
Ripple and noise
5 Hz to 20 MHz (See Note 2)
See table
Transient response
Deviation
75 mV
(See Note 1)
150 µs recovery to
within regulation band
INPUT SPECIFICATIONS
Input voltage range
5 V input model
4.5-5.5 Vdc
12 V input model
10.2-13.8 Vdc
Input current
No load
50 mA
Remote OFF
5 mA
Input current (max.)
5 V input model
5.1 A @ Io max.
(See Note 9)
12 V input model
1.6 A @ Io max.
Input reflected ripple
5 V input model
52 mA (pk-pk)
(See Note 2)
12 V input model
56 mA (pk-pk)
Remote ON/OFF
Logic compatibility
Active high
ON
>2.4 Vdc
OFF
<0.8 Vdc
Start-up time
Power up
<20 ms
(See Note 3)
Remote ON/OFF
<20 ms
File Name: sil06c.pdf Rev (02): 16 Dec 2005
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. E139421
UL60950 File No. E139421
TÜV Product Service (EN60950) Certificate No. B 04 08 19870 228
CB report and certificate to IEC60950
INPUT SPECIFICATIONS (CONTD.)
Turn ON threshold
5 Vin
4.5 Vdc
12 Vin
9.0 Vdc
Turn OFF threshold
5 Vin
4.3 Vdc
12 Vin
7.5 Vdc
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching frequency
Fixed
200 kHz
Approvals and
(See Note 4)
TÜV Product Services
standards
IEC60950, UL/cUL60950
Material flammability
UL94V-0
Weight
9.3 g (0.3 oz)
MTBF
Telcordia SR-332
7,562,142 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0 ºC to +80 ºC
(See Note 8)
temperature
Non-operating
-40 ºC to +125 ºC
PROTECTION
Short-circuit protection
Hiccup, non-latching
RECOMMENDED SYSTEM CAPACITANCE
Input capacitance
(See Note 11)
270 µF/20 m
Ω esr max.
Output capacitance
(See Note 11)
680 µF/10 m
Ω esr max.


Similar Part No. - SIL06C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL06C-00SADJ-HJ ARTESYN-SIL06C-00SADJ-HJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL06C-00SADJ-VJ ARTESYN-SIL06C-00SADJ-VJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL06C-05SADJ-H ARTESYN-SIL06C-05SADJ-H Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL06C-05SADJ-HJ ARTESYN-SIL06C-05SADJ-HJ Datasheet
524Kb / 3P
C-Class Non-Isolated POWER
More results

Similar Description - SIL06C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL30C EMERSON-NETWORKPOWER-SIL30C Datasheet
216Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com