Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL40C2 Datasheet(PDF) 1 Page - Emerson Network Power

Part # SIL40C2
Description  4.5-13.8 Vin Single C-Class Non-Isolated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL40C2 Datasheet(HTML) 1 Page - Emerson Network Power

  SIL40C2 Datasheet HTML 1Page - Emerson Network Power SIL40C2 Datasheet HTML 2Page - Emerson Network Power SIL40C2 Datasheet HTML 3Page - Emerson Network Power SIL40C2 Datasheet HTML 4Page - Emerson Network Power SIL40C2 Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Embedded Power for
Business-Critical Continuity
SIL40C2 Series
4.5-13.8 Vin Single
C-Class Non-Isolated
Special Features
•40Acurrentrating
•Inputvoltagerange:4.5-13.8V
•Outputvoltage:0.6-5V
•Industryleadingvalue
•Costoptimizeddesign
•Excellenttransientresponse
•Outputenable
•Outputvoltageadjustability
•Pathwayforfutureupgrades
•Supportssiliconvoltagemigration
•Resultinginreduceddesign-inand
qual time
•RoHSCompliant
40 A Current Rating
Input Voltage: 4.5-13.8 V
No. of Outputs: Single
Output
SXX06ERev.08.01.06Page1of2
Electrical Specifications
Outputvoltage
See Note 5
0.6-5V
Outputsetpointaccuracy
0.1%trimresistors
±1.0%
Line regulation
Lowlinetohighline
±0.2%
Load regulation
Full load to min. load
±0.5%
Min./max.load
0A/40A
Overshoot
Atturn-on
0.5%max.
Undershoot
Atturn-off
100mVmax.
Rippleandnoise
5Hzto20MHz
See Note 1
25mV
Vin=5V,Vout=2.5V
Transient response
SeeNotes1,2
130mVmax.deviation
50µsrecoverytowithin
regulation band
Inputvoltagerange
4.5-13.8 Vdc
Input current
Minimum load
RemoteOFF
50mA
5mA
Inputcurrent(max.)
See Note 3
25A@lomax.
Start-up time
RemoteON/OFF
3 ms
Input
Rev.07.02.08
SIL40C2
1 of 5
Safety
UL,cUL CAN/CSA22.2No.
E139421UL6950FileNo.TBD
TÜVProductService(EN60950)
CertificateNo.TBD
CB report and certificate to
IEC60950


Similar Part No. - SIL40C2

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL40C2 ARTESYN-SIL40C2 Datasheet
606Kb / 4P
4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
SIL40C2-00SADJ-HJ ARTESYN-SIL40C2-00SADJ-HJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL40C2-00SADJ-HJ ARTESYN-SIL40C2-00SADJ-HJ Datasheet
606Kb / 4P
4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
SIL40C2-00SADJ-VJ ARTESYN-SIL40C2-00SADJ-VJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL40C2-00SADJ-VJ ARTESYN-SIL40C2-00SADJ-VJ Datasheet
606Kb / 4P
4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SIL40C2

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO03C ARTESYN-LDO03C Datasheet
833Kb / 21P
Single Output C Class Non-Isolated DC/DC Converter
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL40C2 ARTESYN-SIL40C2 Datasheet
606Kb / 4P
4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL40C2-00SADJ-VJ ARTESYN-SIL40C2-00SADJ-VJ_15 Datasheet
633Kb / 4P
C-Class Non-Isolated
SMT30C-12SADJJ ARTESYN-SMT30C-12SADJJ_15 Datasheet
553Kb / 3P
POWER C-Class Non-Isolated
SMT06C-05SADJJ ARTESYN-SMT06C-05SADJJ_15 Datasheet
563Kb / 3P
POWER C-Class Non-Isolated
SIL30C-12SADJ-VJ ARTESYN-SIL30C-12SADJ-VJ_15 Datasheet
555Kb / 3P
C-Class Non-Isolated POWER
SIL20C2-00SADJ-HJ ARTESYN-SIL20C2-00SADJ-HJ_15 Datasheet
752Kb / 4P
C-Class Non-Isolated POWER
SIL06C-05SADJ-VJ ARTESYN-SIL06C-05SADJ-VJ_15 Datasheet
524Kb / 3P
C-Class Non-Isolated POWER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com