Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL40C2 Datasheet(PDF) 2 Page - Emerson Network Power

Part # SIL40C2
Description  4.5-13.8 Vin Single C-Class Non-Isolated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL40C2 Datasheet(HTML) 2 Page - Emerson Network Power

  SIL40C2 Datasheet HTML 1Page - Emerson Network Power SIL40C2 Datasheet HTML 2Page - Emerson Network Power SIL40C2 Datasheet HTML 3Page - Emerson Network Power SIL40C2 Datasheet HTML 4Page - Emerson Network Power SIL40C2 Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev.07.02.08
SIL40C2
2of5
Embedded Power for
Business-Critical Continuity
Thermalperformance
See Note 5
Operatingambient,temperature
Non-operating
0°Cto+70°C
-40°Cto+125°C
Short-circuit
Hiccup,non-latching
Overvoltageprotection
Hiccup,non-latching
Input capacitance
SeeNote6
0µF
Outputcapacitance
SeeNote7
0µF
Protection
EnvironmentalSpecifications
Output
Power
(Max.)
Input
Voltage
OVP
Output
Voltage
Output
Current
(Min.)
Output
Current
(Max.)
Efficiency
(Typical)
Regulation
Line
Load
Model
Number (3,5)
200W
4.5-13.8 Vdc
N/A
0.6-5Vdc
0A
40A
94%
±0.2%
±0.5%
SIL40C2-00SADJ-VJ
200W
4.5-13.8 Vdc
N/A
0.6-5Vdc
0A
40A
94%
±0.2%
±0.5%
SIL40C2-00SADJ-HJ
200W
4.5-13.8 Vdc
N/A
0.6-5Vdc
0A
40A
94%
±0.2%
±0.5%
SMT40C2-00SADJJ
Ordering Information
Recommended System Capacitance
Efficiency
Vin=5V,Vo=2.5V,lo=20A
94%
Switchingfrequency
Fixed
500kHz
Approvalsandstandards
(pending)
EN60950
UL/cUL6950
Material flammability
UL94V-0
Weight
17g(0.06oz.)
MTBF
12V@40°C,
100%load
Bellcore332
6,749,409hours
Coplanarity
150µm
General



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com