Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL40C2 Datasheet(PDF) 3 Page - Emerson Network Power

Part # SIL40C2
Description  4.5-13.8 Vin Single C-Class Non-Isolated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL40C2 Datasheet(HTML) 3 Page - Emerson Network Power

  SIL40C2 Datasheet HTML 1Page - Emerson Network Power SIL40C2 Datasheet HTML 2Page - Emerson Network Power SIL40C2 Datasheet HTML 3Page - Emerson Network Power SIL40C2 Datasheet HTML 4Page - Emerson Network Power SIL40C2 Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev.07.02.08
SIL40C2
3 of 5
Embedded Power for
Business-Critical Continuity
Notes:
1 Measured as per recommended system capacitance.
2 di/dt=10A/µs,Vin=Nom,Tc=25°C,loadchange=0.75lotofullloandfullloto
0.75.
3 Externalinputfusingisrecommended.
4 Additionalpartnumbersmaybeavailablewithdifferentoutputvoltages.
5 Airflowdependent,100LFMminimumrequired.
6 Nocapacitorsneededforripplecurrentcapability.
7 Nocapacitorsneededforstability.
8 TSERoHS5/6(non-Pb-free)compliantversionsarealsoavailableonspecialrequest,
pleasecontactourlocalsalesrepresentativefordetails.
9 NOTICE:Somemodelsmaynotsupportalloptions.Pleasecontactyour
localrepresentativeorusetheon-linemodelnumbersearchtoolathttp://www.
powerconversion.comtofindasuitablealternative.
10 ToorderaHorizontalMountingoptionwithapinlengthof0.165",pleaseusethe
model#SIL40C2-00SA-HP5J
Product Family
Product Family
SIL = Single In Line
SMT = Surface Mount
Rated Output Current
Rated Output Current
06=6A
15=15A
20=20A
30=30A
40=40A
Output Voltage
Output Voltage
SingleAdjustable
Output
Performance
Performance
C=CostOptimized
Generation
Generation
Blank=StandardPart
2=IncreasedCurrent
Density
Input Voltage
Input Voltage
00=4.5-13.8V
Output Voltage Adjustment of the SIL40C2 Series
PartNumberSystemwithOptions
Theultra-wideoutputvoltagetrimrangeoffersmajoradvantagestouserswhoselectthe
SIL40C2series.Itisnolongernecessarytopurchaseavarietyofmodulesinordertocover
differentoutputvoltages.Theoutputvoltagecanbetrimmedinarangeof0.6-5V.When
theSIL40C2converterleavesthefactory,theoutputhasbeenadjustedtothedefaultvolt-
ageof0.6V.
Mounting Option
Mounting Option
V = Vertical
H=Horizontal
SIL
40
C
2
-
00
SADJ
-
V
J
RoHS Compliance(8)
RoHS Compliance
J=Pb-freeRoHS
6/6Compliant
7,8
10,11
6
9
5
1,2,3
4
SIL40C2
Enable
Vin
GND
R trim
(for trim
down)
C out
R
L
O
A
D
Power Good
Vout
+R sense
C in
Figure 1: Standard Application Drawing
Standard Application Drawing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com