Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT12F Datasheet(PDF) 5 Page - Emerson Network Power

Part # SMT12F
Description  new range of ultra-compact non-isolated point-of-load converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT12F Datasheet(HTML) 5 Page - Emerson Network Power

  SMT12F Datasheet HTML 1Page - Emerson Network Power SMT12F Datasheet HTML 2Page - Emerson Network Power SMT12F Datasheet HTML 3Page - Emerson Network Power SMT12F Datasheet HTML 4Page - Emerson Network Power SMT12F Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Embedded Power for
Business-Critical Continuity
Rev.06.27.07
SMT12F
5 of 5
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2007 Emerson Electric Co.
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
16th - 17th Floors, Lu Plaza
2 Wing Yip Street, Kwun Tong
Kowloon, Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
technicalsupport@powerconversion.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
SEATING
PLANE
0.630
±0.010
[16.00
±0.25]
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
±0.005 (±0.127)
63
54
2 1
8
7
9
10
0.470 [11.94]
BOTTOM VIEW
0.340 [8.64]
0.000 [0.00]
0.065 [1.65]
0.000 [0.00]
0.455 [11.56]
TOP VIEW
SIDE VIEW
Figure 5 - Mechanical Drawing
Pin No. Pin Description
1
Trim: A 1% 0.1 W resistor must be directly connected
between this pin and pin 8 (GND) to set the output
voltage to a lower value than 3.3 V. The temperature
stability of the resistor should be 100 ppm/°C or better.
The set point range for the 3.3 V model is from 3.3 V to
0.9 V. The resistor required for a given output voltage
may be calculated from the following formula.
If left open circuit the output voltage will default to 3.3 V.
The set point range for the 2.6 V model is from 2.6-0.9 V.
The resistor required for a given output voltage may be
calculated from the following formula
If left open circuit the output voltage will default to 2.6 V.
For further information on output voltage adjustment
consult the Application Note 165.
2
Margin+: When this input is asserted to High, the output
voltage is increased by 5%. This function is independant
of trim and sense.
Pin No. Pin Description
3
Remote ON/OFF: Applying a high level signal to this
input disables the module’s output and turns off the
output voltage.
When the Remote ON/OFF control is active, the
input current drawn by the regulator is significantly
reduced. If the Remote ON/OFF pin is left open-
circuit, the module will produce an output whenever
a valid input source is applied.
4
Margin-: When this input is asserted high, the
output voltage is decreased by 5% from the nominal.
This functions is independant of trim and sense.
5
V sense +: The sense input allows the regulation
circuit to compensate for voltage drop between the
module and the load. For optimal voltage accuracy
Vo Sense should be connected to Vout node of
bypass capacitor. It can also be left disconnected.
6
V sense -: The VSense should be connected to the
ground of a bypass capacitor near the load or left
open circuit.
7
+Vout: The regulated positive power output with
respect to the GND node.
8
Ground: This is the common ground connection for
the Vin and Vout power connections. It is also the 0
Vdc reference for the control inputs.
9
+Vin: The positive input voltage power node to the
module,which is referenced to common GND.
10
Power Good: This pin indicates the status of the
output voltage. Power Good is driven low if output
voltage deviates outside of specified limits.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com