Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT12F Datasheet(PDF) 4 Page - Emerson Network Power

Part # SMT12F
Description  new range of ultra-compact non-isolated point-of-load converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT12F Datasheet(HTML) 4 Page - Emerson Network Power

  SMT12F Datasheet HTML 1Page - Emerson Network Power SMT12F Datasheet HTML 2Page - Emerson Network Power SMT12F Datasheet HTML 3Page - Emerson Network Power SMT12F Datasheet HTML 4Page - Emerson Network Power SMT12F Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev.06.27.07
SMT12F
4 of 5
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
Specifications
0
10
20
30
40
50
70
0
6
8
10
Nat conv
200 LFM
400 LFM
80
14
12
TEMPERATURE (ºC)
4
2
60
90
Figure 1 - Derating Curve
Vin = 5 V, Output Voltage = 1.8 V (See Note A)
AMBIENT TEMPERATURE (ºC)
0
2
4
6
8
10
12
14
0
10
2030
40
50
6070
80
400 LFM
200 LFM
Nat conv
Figure 2 -
Derating Curve
Vin = 5 V, Output Voltage = 1.5 V (See Note A)
Notes
A
Derating curves represent the conditions at which internal components are
within the Artesyn derating guidelines.
B
Vin = 5 V, Vout = 1.5 V.
Figure 3 - Typical Transient Response (source)
12 A load Step di/dt = 300 A/μs
Channel 1: Deviation on unit = 2.3%, Settling Time = 16 μs
Vin = 5 V, Vout = 1.5 V
8
9
10
5
4
3
6
7
2
1
SMT12F
Margin Down
Margin Up
Remote ON/OFF
Vin
GND
Rtrim
(for trim
down)
Cout = 110μF
(See note C)
R
L
O
A
D
Power Good
Vout
+Vsense
-Vsense
Figure 4 - Standard Application Drawing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com