Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT12F Datasheet(PDF) 1 Page - Emerson Network Power

Part # SMT12F
Description  new range of ultra-compact non-isolated point-of-load converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT12F Datasheet(HTML) 1 Page - Emerson Network Power

  SMT12F Datasheet HTML 1Page - Emerson Network Power SMT12F Datasheet HTML 2Page - Emerson Network Power SMT12F Datasheet HTML 3Page - Emerson Network Power SMT12F Datasheet HTML 4Page - Emerson Network Power SMT12F Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The SMT12F series is a new range of ultra-compact non-isolated
point-of-load converters for space-critical applications. The new
SMT12F Typhoon™ family surface-mount converter has a foot-
print of just 13.5 x 16 mm - and unlike competitive products on
the market, requires only the addition of a small number of
ceramic output capacitors to realise a complete high-performance
point-of-load (POL) solution. The SMT12F is primarily intended for
use on very densely packed, high functionality boards and for
powering advanced silicon including network and communication
processors, DSPs, FPGAs and ASICs. A key advantage of the
SMT12F is that it only needs the addition of five 22 μF ceramic
output capacitors to provide a complete full-specification, high
efficiency POL solution with transient response capabilities that
extend up to 300 A/μs. The total board space required for the
module and capacitors is a mere 300 mm2, facilitating easy
co-location with the load.
Embedded Power for
Business-Critical Continuity
SMT12F Series
3.3 Vin and 5 Vin
single output
Special Features
• Designed to meet ultra fast
transient requirements up to
300 A/μs step load transients
• 12 A current rating
• Input voltage range:
2.97 Vdc to 5.5 Vdc
• Output voltage range:
0.9 Vdc to 3.3 Vdc
• Extremely low internal
power dissipation
• Minimal thermal
design concerns
• Ideal solution where board
space is at a premium or
tighter card pitch is required
• Available RoHS compliant
• 2 year warranty
Total Power:
31.2W
Input Voltage: 2.97-3.63 Vdc
# of Outputs:
Single
Safety
UL/cUL CAN/CSA 22.2
No. E174104
UL 60950 File No. E174104
TÜV Product Service (EN60950)
Certificate No. B 04 04 38572 041
CB Report and Certificate to
IEC60950 DE3-52484
Rev.06.27.07
SMT12F
1 of 5


Similar Part No. - SMT12F

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT12F ARTESYN-SMT12F Datasheet
285Kb / 4P
DC-DC CONVERTERS F Class Non-isolated
SMT12F-03S2V6J ARTESYN-SMT12F-03S2V6J Datasheet
285Kb / 4P
DC-DC CONVERTERS F Class Non-isolated
SMT12F-03S3V3J ARTESYN-SMT12F-03S3V3J Datasheet
285Kb / 4P
DC-DC CONVERTERS F Class Non-isolated
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
285Kb / 4P
DC-DC CONVERTERS F Class Non-isolated
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
More results

Similar Description - SMT12F

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DOS06-12T P-DUKE-DOS06-12T Datasheet
222Kb / 3P
Non-isolated Point of load DC/DC converters
DOS10-05T P-DUKE-DOS10-05T Datasheet
219Kb / 3P
Non-isolated Point of load DC/DC converters
DOS10-12T P-DUKE-DOS10-12T Datasheet
220Kb / 3P
Non-isolated Point of load DC/DC converters
DOS16-05T P-DUKE-DOS16-05T Datasheet
220Kb / 3P
Non-isolated Point of load DC/DC converters
DOS16-12T P-DUKE-DOS16-12T Datasheet
236Kb / 3P
Non-isolated Point of load DC/DC converters
DOS30-05T P-DUKE-DOS30-05T Datasheet
250Kb / 3P
Non-isolated Point of load DC/DC converters
logo
RSG Electronic Componen...
DOS06-05T RSG-DOS06-05T Datasheet
205Kb / 3P
Non-isolated Point of load DC/DC converters
DOS06-12T RSG-DOS06-12T Datasheet
203Kb / 3P
Non-isolated Point of load DC/DC converters
DOS10-05T RSG-DOS10-05T Datasheet
208Kb / 3P
Non-isolated Point of load DC/DC converters
DOS16-05T RSG-DOS16-05T Datasheet
208Kb / 3P
Non-isolated Point of load DC/DC converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com