Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT12F Datasheet (PDF) - Artesyn Technologies

SMT12F Datasheet PDF - Artesyn Technologies
Part # SMT12F
Download  SMT12F Download
File Size   285.37 Kbytes
Page   4 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description DC-DC CONVERTERS F Class Non-isolated

SMT12F Datasheet (PDF)

Go To PDF Page Download Datasheet
SMT12F Datasheet PDF - Artesyn Technologies

Part # SMT12F
Download  SMT12F Click to download

File Size   285.37 Kbytes
Page   4 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description DC-DC CONVERTERS F Class Non-isolated

SMT12F Datasheet (HTML) - Artesyn Technologies


SMT12F Product details

DC-DC CONVERTERS F Class Non-isolated

The SMT12F series is a new range of ultra-compact non-isolated point-of-load converters for space-critical applications. The new SMT12F Typhoon™ family surface-mount converter has a footprint of just 13.5 x 16 mm - and unlike competitive products on the market, requires only the addition of a small number of ceramic output capacitors to realise a complete highperformance point-of-load (POL) solution. The SMT12F is primarily intended for use on very densely packed, high functionality boards and for powering advanced silicon including network and communication processors, DSPs, FPGAs and ASICs. A key advantage of the SMT12F is that it only needs the addition of five 22 µF ceramic output capacitors to provide a complete full-specification, high efficiency POL solution with transient response capabilities that extend up to 300 A/µs. The total board space required for the module and capacitors is a mere 300 mm2, facilitating easy co-location with the load.

• Designed to meet ultra fast transient requirements up to 300 A/µs step load transients
• 12 A current rating
• Input voltage range: 2.97 Vdc to 5.5 Vdc
• Output voltage range: 0.9 Vdc to 3.3 Vdc
• Extremely low internal power dissipation
• Minimal thermal design concerns
• Ideal solution where board space is at a premium or tighter card pitch is required
• Available RoHS compliant




Similar Part No. - SMT12F

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SMT12F EMERSON-NETWORKPOWER-SMT12F Datasheet
438Kb / 5P
new range of ultra-compact non-isolated point-of-load converters
SMT12F-03W2V6J EMERSON-NETWORKPOWER-SMT12F-03W2V6J Datasheet
438Kb / 5P
new range of ultra-compact non-isolated point-of-load converters
logo
Artesyn Technologies
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
logo
Emerson Network Power
SMT12F-05W3V3J EMERSON-NETWORKPOWER-SMT12F-05W3V3J Datasheet
438Kb / 5P
new range of ultra-compact non-isolated point-of-load converters
logo
Artesyn Technologies
SMT12F-05W3V3J ARTESYN-SMT12F-05W3V3J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
More results


Similar Description - SMT12F

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL05E EMERSON-NETWORKPOWER-SIL05E Datasheet
164Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL10E EMERSON-NETWORKPOWER-SIL10E Datasheet
189Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SIL15E EMERSON-NETWORKPOWER-SIL15E Datasheet
92Kb / 3P
DC/DC CONVERTERS E Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com