Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP150-M Datasheet(PDF) 1 Page - Emerson Network Power

Part # TLP150-M
Description  150 W on main channel with only 200 LFM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

TLP150-M Datasheet(HTML) 1 Page - Emerson Network Power

  TLP150-M Datasheet HTML 1Page - Emerson Network Power TLP150-M Datasheet HTML 2Page - Emerson Network Power TLP150-M Datasheet HTML 3Page - Emerson Network Power TLP150-M Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
TLP150-M Series
Single output
Special Features
• 150Wonmainchannel
withonly200LFM
• Lowprofilefits1Uapplications
• ActivePFCand
EN61000-3-2compliant
• Integratedcontroland
monitoring features
• Overcurrent,overvoltageand
overtemperatureprotection
• CompliancetoEN55022-B
conducted noise standard
• 12Vfanoutput
• 5Vstandbyoutput(optional)
• RoHScompliant
• 2yearwarranty
Total Power:
150W
Input Voltage: 85-264VAC
# of Outputs:
Single
Safety
VDEEN60601-1/IEC60601-1
UL2601-1/CSA22.2
No.601-1
•
•
•
Rev.12.23.08_140
TLP150-M Series
1 of 4
ElectricalSpecifications
RoHS
Input
Inputvoltagerange:
UniversalInput
85-264Vac
Inputfrequencyrange:
47-63Hz
Inputsurgecurrent:
264Vac(coldstart)
40Amax.
Safetygroundleakagecurrent:
264Vac,50Hz
150µA
Inputcurrent:
120Vac@150W
230Vac@150W
1.8Arms
0.8Arms
Inputfuse:
UL/IEC127
T3.15A,250Vac
Output
Totalregulation(lineandload): Mainoutput
Auxiliaryoutputs
Fan output
±3%
±5%
±10%
Turn-ondelay:
@120VacInput
2.0smax.
Transientresponse:
Mainoutput
25%to75%
stepat0.5A/µs
5%
max.dev.,1msmax.
recoveryto1%
Temperaturecoefficient:
±0.02%/°C
Overvoltageprotection:
Mainoutputs
25%,±5%
Shortcircuitprotection:
Current limited
Continuous
Minimumoutputcurrent:
Singles
0A
Fanvoltageoutput:
See Note 9
12V@0.5A
Standbyoutput:
See Note 9
5V@1.0A


Similar Part No. - TLP150-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
TLP150 EMERSON-NETWORKPOWER-TLP150 Datasheet
837Kb / 4P
150 W on main channel with only 200 LFM
logo
Advanced Energy Industr...
TLP150 ADVANCEDENERGY-TLP150 Datasheet
540Kb / 7P
Single Output
logo
Emerson Network Power
TLP150CJ EMERSON-NETWORKPOWER-TLP150CJ Datasheet
314Kb / 2P
TLP150CJ will fit the TLP150 power supplies
logo
Artesyn Technologies
TLP150CJ ARTESYN-TLP150CJ Datasheet
320Kb / 2P
TLP150CJ will fit the TLP150 power supplies
logo
Emerson Network Power
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
Single output
More results

Similar Description - TLP150-M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF230-233 FAIRCHILD-IRF230-233 Datasheet
177Kb / 6P
N-Channel Power MOSFETs, 12A, 150-200 V
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
145 W PC Main ATX Supply
logo
Emerson Network Power
TLP150 EMERSON-NETWORKPOWER-TLP150 Datasheet
837Kb / 4P
150 W on main channel with only 200 LFM
logo
Schurter Inc.
0035.0607 SCHURTER-0035.0607 Datasheet
144Kb / 5P
LFM (with T1 LED)
logo
XP Power Limited
JPS250 XPPOWER-JPS250 Datasheet
470Kb / 6P
200 W / 300 W with Convection Cooling
logo
Schneider Electric
QO142M200PRB SCHNEIDER-QO142M200PRB Datasheet
91Kb / 2P
QO LoadCenter, Main Breaker, 200 A, 1 PH, 3 W, 42 SP, NEMA 3R, plug on neutral ready
Mar 26, 2020
logo
NXP Semiconductors
TEF6621 NXP-TEF6621_V01 Datasheet
809Kb / 25P
Tuner on main-board IC
Rev.01.04-7 August 2008
logo
Bel Fuse Inc.
ABC350 BEL-ABC350_V01 Datasheet
762Kb / 7P
350 W with Forced Air Cooling & 200 W with Convection Cooling
MBC201 BEL-MBC201 Datasheet
736Kb / 7P
200 W with Forced-Air Cooling
MBC350 BEL-MBC350 Datasheet
552Kb / 6P
350 W with Forced Air Cooling & 200 W with Convection Cooling
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com