Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP150-M Datasheet(PDF) 2 Page - Emerson Network Power

Part # TLP150-M
Description  150 W on main channel with only 200 LFM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

TLP150-M Datasheet(HTML) 2 Page - Emerson Network Power

  TLP150-M Datasheet HTML 1Page - Emerson Network Power TLP150-M Datasheet HTML 2Page - Emerson Network Power TLP150-M Datasheet HTML 3Page - Emerson Network Power TLP150-M Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.12.23.08_140
TLP150-M Series
2 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
EnvironmentalSpecifications
Thermalperformance
Operatingambient,
(Seederatingcurve)
0°Cto+70°C
Non-operating
-40°Cto+85°C
0°Cto50°Cambient,
200LFMforcedair
150W
0°Cto50°Cambient,
convectioncooled
100W
50°Cto70°Cambient,
convectioncooled
Deratelinearlyto50%load
Relativehumidity
Non-condensing
5-95%RH
Altitude
Operating
10,000feetmax.
Non-operating
30,000feetmax.
Vibration(SeeNote7)
5-500Hz
2.4Grmspeak
Shock
perMIL-STD-810E
516.4PartIV
EMCCharacteristics(5)
Conducted emissions
EN55022,FCCpart15
LevelB
Harmoniccurrentcorrection
EN61000-3-2
Compliant
ESDair
EN61000-4-2
Level3
ESDcontact
EN61000-4-2
Level3
Radiatedimmunity
EN61000-4-3
Level3
Fast transients
EN61000-4-4
Level3
Surge
EN61000-4-5
Level3
Conducted immunity
EN61000-4-6
Level3
GeneralSpecifications
Hold-uptime
850Vac@60Hz
20ms@150W
Efficiency
115Vac@150W
230Vac@150W
81%typ.
84%typ.
Isolationvoltage
Input/output
Input/chassis
4000Vac
1500Vac
Weight
260g(9.2oz)
MTBF(@25
ºC)
TelcordiaSR-332
MIL-HDBK-217F
900,000hoursmin.
350,000hoursmin.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com