Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP150-M Datasheet(PDF) 3 Page - Emerson Network Power

Part # TLP150-M
Description  150 W on main channel with only 200 LFM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

TLP150-M Datasheet(HTML) 3 Page - Emerson Network Power

  TLP150-M Datasheet HTML 1Page - Emerson Network Power TLP150-M Datasheet HTML 2Page - Emerson Network Power TLP150-M Datasheet HTML 3Page - Emerson Network Power TLP150-M Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions in Inches (mm)
ø0.156 (4 Places)
0.225 (5.72)
J3
1
FAN
1
J4
4.550 (115.57)
5.000 (127.00)
J1
J2
1
1.250 (31.75)
Outline Dimensions
1
1
J301
Total Height
R88
Trimmer Adjust
Output Voltage
Ground/Earth
Neutral
Live
Rev.12.23.08_140
TLP150-M Series
3 of 4
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Figure2:MechanicalDrawing
DERATING CURVE Output Power (Watts)
0 C
10 C
20 C
30 C
40 C
50 C
60 C
70 C
100 W
150 W
200 LFM (1.0 m/s)
FORCED AIR COOLING
NATURAL CONVECTION COOLING
50
W
75 W
0 W
Figure1:DeratingCurve
OrderingInformation
OutputVoltage
OutputCurrent
Ripple
TotalRegulation
ModelNumbers
Min
Max(freeair)(1,4)
Max(forcedair)(2,4)
12V
0A
8.4A
12.5A
120mV
±3.0%
TLP150N-99S12J
24V
0A
4.2A
6.3A
240mV
±3.0%
TLP150N-99S24J
Notes
1 Freeairconvection.Maximumcontinuousoutputpowernottoexceed100 W.Referto
Figure1forthederatingcurve.
2 200LFMforcedaircoolingfromtheacinputside.Maximumcontinuousoutputpowernot
toexceed150W.
3 Figureispeak-to-peakforroomtemperaturerating.Outputnoisemeasurementsaremade
acrossa20MHzbandwidthusinga6inchtwistedpair,terminatedwitha10µFtantalum
capacitoranda0.1µFceramiccapacitor.
4 CAUTION:Allowaminimumof1secondafterdisconnectinglinepowerwhenmaking
thermalmeasurements.Foroptimumreliabilitynopartoftheheatsinkshouldexceed115
°Candnosemi-conductorcasetemperatureshouldexceed120°C.
5 Noexternalfilteringrequiredduringconductedemissionstestingbutsomeapplications
mayrequireadditionalfilteringtoachievesystemcompliance.Compliancewithradiated
EMIspecificationsmayrequiremountinginasuitableenclosure.
6 Thisproductisonlyforinclusionbyprofessionalinstallerswithinotherequipmentand
mustnotbeoperatedasastandaloneproduct.
7 Threeorthogonalaxes,randomvibration10minutesforeachaxes,2.4G.
8 Replacethe‘J’attheendofthemodelnumberwith‘FJ’whentheoptionalstandbyoutput
and/orremoteON/OFFcontrolisrequired
e.g.TLP150N-99S12FJ.
9 12V(fan)presentwhenmainoutputispresent.Anoptional5Vsb(standby)outputis
availablewheneveracinputispresent,regardlessofremoteON/OFFsignalstatus.
10 The‘J’suffixindicatesthatthesepartsarePb-free(RoHS6/6)compliant.TSERoHS5/6
(nonPb-free)compliantversionsmaybeavailableonspecialrequest,pleasecontactyour
localsalesrepresentativefordetails.
11 NOTICE:Somemodelsdonotsupportalloptions.PleasecontactyourlocalEmerson
representativeorusetheon-linemodelnumbersearchtoolat
http://www.powerconversion.comtofindasuitablealternative..



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com