Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFE Datasheet(PDF) 5 Page - Emerson Network Power

Part # UFE
Description  3 hot pluggable rectifiers per 1U chassis, up to 4 kW redundant or 6 kW available power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

UFE Datasheet(HTML) 5 Page - Emerson Network Power

  UFE Datasheet HTML 1Page - Emerson Network Power UFE Datasheet HTML 2Page - Emerson Network Power UFE Datasheet HTML 3Page - Emerson Network Power UFE Datasheet HTML 4Page - Emerson Network Power UFE Datasheet HTML 5Page - Emerson Network Power UFE Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev.2.13.09_154
UFE / UFR Series
5 of 6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
0.13 (3.3)
1.72 (43.8)
0.99 (25.1)
0.55 (14.0)
1.25 (31.8)
18.44 (468.4)
18.88 (475.6)
R0.13 (3.3)
5.76 (146.3)
12.85 (326.4)
0.22 (5.6)
1.250 (31.8)
(5.6)
0.22 (5.6)
0.22 (5.6)
12.59 (319.8)
13.00 (330.2)
Dimensions Inches (mm)
17.44 (443.0) max.
0.44 (11.2)
RackSpecifications
RackSignalConnectorPinout
PinNo.
Function
PinNo.
Function
1
Sense+
14
Ishare
2
Ground
15
Unit1Present
3
Sense-
16
Ground
4
Ground
17
Unit2Present
5
PS-EN(Control)(8)
18
Ground
6
DC1-OK0-L
19
Unit3Present
7
DC2-OK-L
20
Ground
8
DC3-OK-L
21
SCL
9
I2C-En-H-1(Comm-En-H)(8)
22
Ground
10
I2C-En-H-2(Comm-En-H)(8)
23
SDA
11
I2C-En-H-3(Comm-En-H)(8)
24
Ground
12
Ground
25
SMBALERT#
13
12V-Aux
26
N/C
SignalConnector(1pershelf)
ShelfConnector
MatingConnector
Molex:52986-2679
Molex:52316-2619
Tyco:2-178238-4
Tyco:2-5175677-4
ACInputConnector(3pershelf)
ShelfConnector
MatingConnector
IEC320C20Socket
IEC320C20Plug
(StraightEntry)
ShelfDIPSwitchTable
ShelfNumber
DIPSwitch
DIPSwitch
1
Up
Up
2
Up
Down
3
Down
Up
4
Down
Down



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com