Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFE Datasheet(PDF) 4 Page - Emerson Network Power

Part # UFE
Description  3 hot pluggable rectifiers per 1U chassis, up to 4 kW redundant or 6 kW available power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

UFE Datasheet(HTML) 4 Page - Emerson Network Power

  UFE Datasheet HTML 1Page - Emerson Network Power UFE Datasheet HTML 2Page - Emerson Network Power UFE Datasheet HTML 3Page - Emerson Network Power UFE Datasheet HTML 4Page - Emerson Network Power UFE Datasheet HTML 5Page - Emerson Network Power UFE Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev.2.13.09_154
UFE / UFR Series
4 of 6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
5.56 ± 0.03
(141.2 ±0.8)
1.60 ± 0.02
(40.6 ±0.5)
9.58 ± 0.02
(243.3 ±0.5)
WITH PEM SCREW
FASTENED
10.74 ± 0.02
(272.8 ±0.5)
FRONT FACE TO
CONNECTOR
11.95 ± 0.03
(303.5 ±0.8)
Dimensions in Inches (mm)
0.17 ± 0.01 (4.3 ±0.3)
5.51 ± 0.02
(140.0 ±0.5)
D
C
B
A
POWER
POWER
SIGNAL
P1
P2
P3
P4
P5
P6 P7
1 2
5
3
6
4
Power Connections Layout
(Looking into Connector Side of UFE Power Supply)
MechanicalDrawing
Power Supply Connector
MatingConnector
Molex:87663-4006
Molex:87664-2004
Tyco:2-1450330-8
Tyco:1450370-5
FCIBerg:51939-180
FCIBerg:51915-070
Power Supply Connector
Power Supply Connector Pinout
Pin
D
C
B
A
P1
L1
P2
L2
P3
PEG
1
Sense-
Sense+
GND
Shortpin
2
Present-L
GND
PS-ID0
GND
3
PS-ID3
PS-ID2
GND
12V-AUX
4
GND
SCL
PS-ID1
GND
5
SDA
GND
GND
I2C-En-H(8)
(Comm-En-H)
6
SMBALERT#
P4
DC_N
P5
DC_N
P6
DC_P
P7
DC_P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com