Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFE Datasheet(PDF) 1 Page - Emerson Network Power

Part # UFE
Description  3 hot pluggable rectifiers per 1U chassis, up to 4 kW redundant or 6 kW available power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

UFE Datasheet(HTML) 1 Page - Emerson Network Power

  UFE Datasheet HTML 1Page - Emerson Network Power UFE Datasheet HTML 2Page - Emerson Network Power UFE Datasheet HTML 3Page - Emerson Network Power UFE Datasheet HTML 4Page - Emerson Network Power UFE Datasheet HTML 5Page - Emerson Network Power UFE Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
UFE / UFR Series
Up to 6000 Watts
Special Features
• Rackmountedchassis(1U,19”)
• 3hotpluggablerectifiersper1U
chassis,upto4kWredundantor
6kWavailablepower(180-264
Vacinput)
• Upto2.6kWredundantor3.9
kWavailablepershelfat90-132
Vac input
• Stackableto6Uhightoprovide
upto36kWavailablepower
• ClassBconductedEMIEN55022
(SeeNote1)
• Automaticfanspeedcontrolwith
faultreporting
• Auxiliarystandbyoutput,11Vat
approximately2.8W
• Highdensityupto22W/in3
• Highefficiencyupto91%
• Floatingaswellasisolatedmain
outputvoltageallowspositiveor
negativepolarityoperation
• EUdirective2002/95/EC
compliantforRoHS
• 2yearwarranty
• PMBuscompliant
Total Power:
Up to 6000 W
Input Voltage: 85-264Vac
# of Outputs:
Single+Aux
Output:
24V&48V
Safety
VDEEN/IEC60950-1
UL/cUL60950-1
•
•
Rev.2.13.09_154
UFE / UFR Series
1 of 6
ElectricalSpecifications
Allspecificationsaretypicalatnominalinput,fullloadat25
ºCambientunlessotherwisestated.
Output
Output Power:
Mainoutput
Auxiliaryoutput
SeeTable1
11V±15%,2.875W
Lineregulation:
Lowlinetohighline
±0.15%max.
Loadregulation(activesharemode):
Fullloadtomin.load
±0.15%max.
Turn-on delay:
(SeeNote4)
5.0smax.
Ambienttemp.coefficient:
Atfullload,min.Vin
±0.005%/ºC
Voltageadjustability:
AdjustablePMBuscommand
(SeeNote6)
48Vout
24Vout
42-57Vdc
21-28.5Vdc
Output setpoint accuracy:
±0.5%
Defaultoutputvoltage:
setting25ºC
48Vout(activedefault)
24Vout(activedefault)
48V±0.5%@41A
27V±0.5%@48A
Voltagedroop:
(operationsetPMBuscommand)
24Vout
48Vout
40.3mV/A±3.0%from
10Auptopowerlimit
80.6mV/A±3.0%from
10Auptopowerlimit
Total error band:
-40ºCto+70ºC,FLrange
±1.0%max.
Overshoot/undershoot:
Mainoutput@turn-on/off
0%/0%
Rippleandnoise(20MHz):
Mainoutput,-5ºCandabove
Auxiliaryoutput
500mVpk-pk,150mVrms
400mVpk-pk,150mVrms
Dynamicregulation(exceptdroopmode):
Peakdev.,25%loadstepRecovery
time
2.5%max.
1msmax.
Currentsharing(SeeNote3):
(I1-I2)/ILIMITx100
15%max.


Similar Part No. - UFE

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
UFE EMERSON-NETWORKPOWER-UFE Datasheet
903Kb / 6P
UFE / UFR Series Up to 6000 Watts
logo
Conquer Electronics Co....
UFE-A.160 CONQUER-UFE-A.160 Datasheet
238Kb / 1P
5.2Ø x 20 mm
UFE-A.200 CONQUER-UFE-A.200 Datasheet
238Kb / 1P
5.2Ø x 20 mm
UFE-A.250 CONQUER-UFE-A.250 Datasheet
238Kb / 1P
5.2Ø x 20 mm
UFE-A.315 CONQUER-UFE-A.315 Datasheet
238Kb / 1P
5.2Ø x 20 mm
More results

Similar Description - UFE

ManufacturerPart #DatasheetDescription
logo
NEC
LD7215W NEC-LD7215W Datasheet
72Kb / 6P
6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
logo
Rhombus Industries Inc.
T-1202 RHOMBUS-IND-T-1202 Datasheet
40Kb / 1P
2 kW Transformer
5/20/97
logo
Advantech Co., Ltd.
PME-1130 ADVANTECH-PME-1130 Datasheet
159Kb / 1P
3-phase KW & KWH Energy Meter
IPC-6606 ADVANTECH-IPC-6606_12 Datasheet
2Mb / 2P
6/8-Slot Desktop/Wallmount Chassis with PS/2 or Redundant Power Supply
logo
List of Unclassifed Man...
TC-300R2UH ETC2-TC-300R2UH Datasheet
311Kb / 8P
1U redundant power supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
1U Redundant Power Supply
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
1U Redundant Power Supply
EFRD-PA40 ETC2-EFRD-PA40 Datasheet
431Kb / 2P
1400W 1U Redundant Power Module
EFRP-G753 ETC2-EFRP-G753 Datasheet
163Kb / 2P
1U 750W Redundant Power Module
logo
Omron Electronics LLC
J7KN OMRON-J7KN Datasheet
1Mb / 30P
Range from 4 to 500 kW (AC 3, 380/415 V)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com