Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261IGN-2 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4261IGN-2
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261IGN-2 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4261IGN-2 Datasheet HTML 3Page - Linear Technology LTC4261IGN-2 Datasheet HTML 4Page - Linear Technology LTC4261IGN-2 Datasheet HTML 5Page - Linear Technology LTC4261IGN-2 Datasheet HTML 6Page - Linear Technology LTC4261IGN-2 Datasheet HTML 7Page - Linear Technology LTC4261IGN-2 Datasheet HTML 8Page - Linear Technology LTC4261IGN-2 Datasheet HTML 9Page - Linear Technology LTC4261IGN-2 Datasheet HTML 10Page - Linear Technology LTC4261IGN-2 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC4261/LTC4261-2
7
42612fb
OV Threshold vs Temperature
OV Hysteresis vs Temperature
Current Limit Voltage
vs Temperature
Current Limit Propagation Delay
(tPHL(SENSE)) vs VSENSE
PG, PGIO Output Low
vs Load Current
ADC Total Unadjusted Error
vs Code (ADIN Pin)
ADC Full-Scale Error vs
Temperature (ADIN Pin)
ADC INL vs Code (ADIN Pin)
ADC DNL vs Code (ADIN Pin)
IIN = 5mA, TA = 25°C, unless otherwise noted
TEMPERATURE (
°C)
–50
1.755
1.760
1.765
1.770
1.775
1.785
–25
025
50
42612 G08
75
100
1.780
TEMPERATURE (
°C)
–50
25
30
35
40
45
50
–25
025
50
42612 G11
75
100
TEMPERATURE (
°C)
–50
49.0
49.5
50.0
50.5
51.0
52.0
–25
025
50
42612 G08
75
100
51.5
VSENSE (mV)
0
400
42612 G13
100
100
200
300
500
1000
CGATE = 1pF
LOAD CURRENT (mA)
0
0
1
2
3
4
5
6
246
8
42612 G14
10
TA = 85°C
TA = 25°C
TA = –40°C
CODE
0
0
0.5
1024
42612 G15
–0.5
–1.0
256
512
768
1.0
TEMPERATURE (
°C)
–50
–3
–2
–1
0
1
3
–25
025
50
42612 G16
75
100
2
CODE
0
0
0.5
1024
42612 G17
–0.5
–1.0
256
512
768
1.0
CODE
0
0
0.5
1024
42612 G18
–0.5
–1.0
256
512
768
1.0
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com