Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261IGN-2 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4261IGN-2
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261IGN-2 Datasheet(HTML) 1 Page - Linear Technology

  LTC4261IGN-2 Datasheet HTML 1Page - Linear Technology LTC4261IGN-2 Datasheet HTML 2Page - Linear Technology LTC4261IGN-2 Datasheet HTML 3Page - Linear Technology LTC4261IGN-2 Datasheet HTML 4Page - Linear Technology LTC4261IGN-2 Datasheet HTML 5Page - Linear Technology LTC4261IGN-2 Datasheet HTML 6Page - Linear Technology LTC4261IGN-2 Datasheet HTML 7Page - Linear Technology LTC4261IGN-2 Datasheet HTML 8Page - Linear Technology LTC4261IGN-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC4261/LTC4261-2
1
42612fb
Negative Voltage
Hot Swap Controllers with
ADC and I2C Monitoring
The LTC®4261/LTC4261-2 negative voltage Hot SwapTM
controllers allow a board to be safely inserted and removed
from a live backplane. Using an external N-channel pass
transistor, the board supply voltage can be ramped at an
adjustable rate. The devices feature independently adjust-
able inrush current and overcurrent limits to minimize
stresses on the pass transistor during start-up, input
step and output short conditions. The LTC4261 defaults
to latch-off while the LTC4261-2 defaults to auto-retry on
overcurrent faults.
An I2C interface and onboard 10-bit ADC allow monitoring
of board current, voltage and fault status. A single-wire
broadcast mode is available to simplify the interface by
eliminating two optoisolators.
The controllers have additional features to interrupt the
host when a fault has occurred, notify when output power
is good, detect insertion of a board and turn off the pass
transistor if an external supply monitor fails to indicate
power good within a timeout period.
■ AdvancedTCA Systems
■ Telecom Infrastructure
■ –48V Distributed Power Systems
■ Power Monitors
■ Allows Safe Insertion into Live –48V Backplanes
■ 10-Bit ADC Monitors Current and Voltages
■ I2C/SMBus Interface or Single-Wire Broadcast Mode
■ Floating Topology Allows Very High Voltage
Operation
■ Independently Adjustable Inrush and Overcurrent
Limits
■ Controlled Soft-Start Inrush
■ Adjustable UV/OV Thresholds and Hysteresis
■ Sequenced Power Good Outputs with Delays
■ Adjustable Power Good Input Timeout
■ Programmable Latchoff or Auto-Retry After Faults
■ Alerts Host After Faults
■ Available in 28-Lead Narrow SSOP and 24-Lead
(4mm
× 5mm) QFN Packages
–48V/200W Hot Swap Controller with I2C and ADC
+
PGI
ALERT
SDAO
SDAI
SCL
ADIN
PGIO
PG
UVL
UVH
ADIN2
OV
INTVCC
ON
RAMP
DRAIN
GATE
LTC4261CGN
VIN
VEE
EN
TMR
SS
SENSE
1M
4
× 1k IN SERIES
1/4W EACH
453k
1%
–48V RTN
–48V INPUT
UV = 38.5V
UV RELEASE
AT 43V
OV RELEASE
AT 71V
OV = 72.3V
16.9k
1%
11.8k
1%
10nF
100V
5%
47nF
0.1
µF
1
µF
220nF
47nF
0.008
Ω
1%
10
Ω
VOUT
Q1
IRF1310NS
1k
330
µF
100V
LOAD
ON
42612 TA01
VIN
+
VIN
–
Start-Up Behavior
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Hot Swap is a trademark of Linear Technology Corporation. Patents pending.
All other trademarks are the property of their respective owners.
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
–48V INPUT
50V/DIV
VOUT
50V/DIV
SENSE
0.5A/DIV
PG
50V/DIV
10ms/DIV
42612 TA01b


Similar Part No. - LTC4261IGN-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4261 LINER-LTC4261 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4261 LINER-LTC4261 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4261 LINER-LTC4261 Datasheet
1Mb / 32P
Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
logo
Analog Devices
LTC4261 AD-LTC4261 Datasheet
3Mb / 82P
High Power Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
LTC4261 AD-LTC4261 Datasheet
2Mb / 74P
Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
More results

Similar Description - LTC4261IGN-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
Negative Voltage Hot Swap Controllers
LTC4261 LINER-LTC4261_15 Datasheet
341Kb / 34P
Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
LTC4261-2 LINER-LTC4261-2_15 Datasheet
341Kb / 34P
Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com