Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261IGN-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4261IGN-2
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261IGN-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC4261IGN-2 Datasheet HTML 1Page - Linear Technology LTC4261IGN-2 Datasheet HTML 2Page - Linear Technology LTC4261IGN-2 Datasheet HTML 3Page - Linear Technology LTC4261IGN-2 Datasheet HTML 4Page - Linear Technology LTC4261IGN-2 Datasheet HTML 5Page - Linear Technology LTC4261IGN-2 Datasheet HTML 6Page - Linear Technology LTC4261IGN-2 Datasheet HTML 7Page - Linear Technology LTC4261IGN-2 Datasheet HTML 8Page - Linear Technology LTC4261IGN-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC4261/LTC4261-2
2
42612fb
VIN (Note 3) ......................................... –0.3V to 10.65V
Drain (Note 4) .......................................... –0.3V to 3.5V
PGI, ON, ALERT, SDAO, SDAI, SCL, ADIN, ADIN2,
OV, SENSE, ADR1, ADR0, FLTIN, TMR,
SS, RAMP Voltages.................... –0.3V to INTVCC + 0.3V
UVL, UVH, EN ............................................ –0.3V to 10V
GATE Voltage .................................. –0.3V to VIN + 0.3V
PG, PGIO Voltages .................................... –0.3V to 80V
Supply Voltage (INTVCC).......................... –0.3V to 5.5V
(Notes 1, 2)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
GN PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PGI
ON
ALERT
SDAO
SDAI
SCL
INTVCC
UVL
UVH
ADIN2
OV
NC
VEE
SENSE
PGIO
PG
EN
ADR1
ADR0
ADIN
FLTIN
VIN
TMR
SS
RAMP
NC
DRAIN
GATE
TJMAX = 125°C, θJA = 85°C/W
8
9
TOP VIEW
25
UFD PACKAGE
24-LEAD (4mm
× 5mm) PLASTIC QFN
10 11 12
24 23 22 21 20
6
5
4
3
2
1
SDAO
SDAI
SCL
INTVCC
UVL
UVH
OV
EN
ADR1
ADR0
ADIN
VIN
TMR
SS
7
14
15
16
17
18
19
13
TJMAX = 125°C, θJA = 45°C/W
EXPOSED PAD (PIN 25) PCB VEE ELECTRICAL CONNECTION OPTIONAL
ORDER PART NUMBER
ORDER PART NUMBER
UFD PART MARKING*
LTC4261CGN
LTC4261IGN
LTC4261CGN-2
LTC4261IGN-2
LTC4261CUFD
LTC4261IUFD
LTC4261CUFD-2
LTC4261IUFD-2
4261
4261
42612
42612
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
*The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
Operating Temperature Range
LTC4261C ................................................ 0°C to 70°C
LTC4261I ............................................. –40°C to 85°C
Storage Temperature Range
SSOP ................................................. –65°C to 150°C
QFN.................................................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
SSOP Only ........................................................ 300°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com