Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4263
Description  Single IEEE 802.3af Compliant PSE Controller with Internal Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 9Page - Linear Technology LTC4263 Datasheet HTML 10Page - Linear Technology LTC4263 Datasheet HTML 11Page - Linear Technology LTC4263 Datasheet HTML 12Page - Linear Technology LTC4263 Datasheet HTML 13Page - Linear Technology LTC4263 Datasheet HTML 14Page - Linear Technology LTC4263 Datasheet HTML 15Page - Linear Technology LTC4263 Datasheet HTML 16Page - Linear Technology LTC4263 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC4263
13
4263fd
APPLICATIONS INFORMATION
Power Management
The LTC4263 includes a power management feature
allowing simple implementation of power management
across multiple ports driven by a single power supply. The
PWRMGT pins of all LTC4263 devices are tied together
along with an RC network to prevent over-allocation of
power in a multi-port system.
Immediately following classification, the LTC4263 performs
a power management check to ensure power is available
to supply the newly classed PD. The allocated power is
represented by the voltage on the shared PWRMGT node
and the LTC4263 checks the allocated power by measur-
ing this voltage. If the PWRMGT voltage is less than 1V,
there is power available and the power needs of the new
PD are added to the already allocated power on the node.
To allocate power, a current proportional to the power
needs for the new PD is sourced out of the PWRMGT pin
(Table 2).
Table 2. LTC4263 Power Management
IEEE 802.3af
CLASS
PSE OUTPUT
POWER REQUIRED
LTC4263 PWRMGT
CURRENT
0, 3, 4
15.4W
–72.3μA
2
7W
–32.8μA
1
4W
–18.8μA
For multiple LTC4263s implementing power management,
the PWRMGT pins are connected together and to a RC
network connected to VSSasshowninFigure5.Thevalueof
RPM represents the full load output capability of the system
power supply (PFULL_LOAD). Select a 1% resistor to set the
full load output power using the following formula:
R
kW
P
PM
FULL LOAD
=
213 Ω •
_
The LTC4263 power management uses pulse width
modulation to set the power requirements of each PD.
Capacitor CPM is used as a lowpass filter to generate the
average power requirement for all PDs in the system. Set
CPM to 1μF.
If power management is not used, tie PWRMGT to VSS.
When additional current is added to the PWRMGT node,
the voltage rises toward the 1V threshold. After adding
current, the LTC4263 verifies that the power supply is not
over-allocated by verifying the node voltage remains below
1V. If the voltage is below 1V, the LTC4263 proceeds to
power the port. If over 1V, the current is removed from
the node, port powering is aborted, and the LTC4263 goes
back into detection mode.
Figure 5. PWRMGT Pin Connections
PWRMGT
VSS
LTC4263
PWRMGT
VSS
LTC4263
PWRMGT
VSS
LTC4263
PWRMGT
VSS
VSS
LTC4263
4263 F05
CPM
1μF
RPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com