Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4263
Description  Single IEEE 802.3af Compliant PSE Controller with Internal Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4263 Datasheet HTML 2Page - Linear Technology LTC4263 Datasheet HTML 3Page - Linear Technology LTC4263 Datasheet HTML 4Page - Linear Technology LTC4263 Datasheet HTML 5Page - Linear Technology LTC4263 Datasheet HTML 6Page - Linear Technology LTC4263 Datasheet HTML 7Page - Linear Technology LTC4263 Datasheet HTML 8Page - Linear Technology LTC4263 Datasheet HTML 9Page - Linear Technology LTC4263 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC4263
6
4263fd
TYPICAL PERFORMANCE CHARACTERISTICS
RON vs Temperature
Legacy Pin Current vs Voltage
Current Limit and Foldback
LED Pin Pulldown
vs Load Current
Classification Current Compliance
IDD48 DC Supply Current vs Supply
Voltage with Internal VDD5
IDD48 DC Supply Current vs
Supply Voltage with VDD5 = 5.0V
IDD5 DC Supply Current
vs Supply Voltage
VDD48 – VOUT
0
0
50
150
200
250
30 35 40 45
450
4263 G03
100
5
10152025
50
300
350
400
ILED LOAD CURRENT (mA)
0
0
1
3
4
4263 G04
2
10
20
30
40
50
TA = 25°C
INTERNAL VDD5
VDD48 – VOUT (V)
04
0
10
30
70
80
4263 G05
20
40
60
50
812
16
20
VDD48 – VSS = 48V
TA = 25°C
VDD48 (V)
0
0
0.5
1.5
2.0
2.5
4263 G07
1.0
10
20
30
40
50
60
25k LOAD WITH
AC ENABLED
NO LOAD
TA = 25°C
VDD48 (V)
0
0
0.2
0.6
0.8
1.0
1.2
4263 G08
0.4
10
20
30
40
50
60
25k LOAD WITH
AC ENABLED
NO LOAD
TA = 25°C
VDD5
4.0
–3
–2
0
1
2
4263 G09
–1
4.5
5.0
5.5
6.0
25k LOAD WITH
AC ENABLED
NO LOAD
VDD48 = 48V
TEMPERATURE (°C)
–40
–20
1.0
1.4
2.0
0
40
60
4263 G16
1.2
1.8
1.6
20
80
100
VLEGACY (V)
0
0
20
4
4263 G17
–20
–40
1
2
3
5
40
LEGACY MODE
FORCE POWER ON MODE
COMPLIANT MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com