Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4263 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4263
Description  Single IEEE 802.3af Compliant PSE Controller with Internal Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263 Datasheet(HTML) 3 Page - Linear Technology

  LTC4263 Datasheet HTML 1Page - Linear Technology LTC4263 Datasheet HTML 2Page - Linear Technology LTC4263 Datasheet HTML 3Page - Linear Technology LTC4263 Datasheet HTML 4Page - Linear Technology LTC4263 Datasheet HTML 5Page - Linear Technology LTC4263 Datasheet HTML 6Page - Linear Technology LTC4263 Datasheet HTML 7Page - Linear Technology LTC4263 Datasheet HTML 8Page - Linear Technology LTC4263 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC4263
3
4263fd
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD48 – VSS = 48V and VDD5 not driven externally. All voltages are
relative to VSS unless otherwise noted. (Notes 2, 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOVLO_OFF
OVLO Turn-Off Voltage
VDD48 – VSS Increasing
l
66
70
74
V
VOVLO_HYS OVLO Hysteresis
l
0.2
2
V
VDD5
VDD5 Supply Voltage
Driven Externally
l
4.5
5
5.5
V
VDD5 Internal Supply
Driven Internally
l
4.3
4.4
4.5
V
IDD48
VDD48 Supply Current
VDD5 – VSS = 5V
Internal VDD5
l
l
1
2
2
4
mA
mA
IDD5
VDD5 Supply Current
VDD5 – VSS = 5V
l
12
mA
Power MOSFET
RON
On-Resistance
I = 350mA, Measured From OUT to VSS
l
1.5
2.4
3.0
Ω
Ω
IOUT_LEAK
OUT Pin Leakage
VOUT – VSS = VDD48 – VSS = 57V
l
110
μA
RPU
OUT Pin Pull-Up Resistance to VDD48
0V ≤ (VDD48 – VOUT) ≤ 5V
l
360
500
640
kΩ
Current Control
ICUT
Overload Current Threshold
Class 0, Class 3, Class 4 (Note 6)
Class 2
Class 1
l
l
l
355
165
95
375
175
100
395
185
105
mA
mA
mA
ILIM
Short-Circuit Current Limit
VOUT – VSS = 5V
VDD48 – VOUT = 30V
l
l
405
405
425
425
445
445
mA
mA
IFB
Foldback Current Limit
VDD48 – VOUT = 0V (Note 7)
VDD48 – VOUT = 10V
l
l
30
110
60
140
120
180
mA
mA
IMIN
DC Disconnect Current Threshold
l
5.2
7.5
9.8
mA
IFAULT
High Speed Fault Current Limit
(Note 8)
l
500
650
800
mA
Detection
IDET
Detection Current
First Point, VDD48 – VOUT = 10V
Second Point, VDD48 – VOUT = 3.5V
l
l
235
160
255
180
275
200
μA
μA
VDET
Detection Voltage Compliance
VDD48 – VOUT, Open Port
VDD48 – VSS = 57V
l
21
V
RDETMIN
Minimum Valid Signature Resistance
l
15.5
17
18.5
kΩ
RDETMAX
Maximum Valid Signature Resistance
l
27.5
29.7
32
kΩ
ROPEN
Open Circuit Threshold
l
500
2000
kΩ
Classification
VCLASS
Classification Voltage
VDD48 – VOUT, 0mA ≤ ICLASS ≤ 50mA
l
16.5
20.5
V
ICLASS
Classification Current Compliance
VOUT = VDD48
l
55
60
75
mA
ITCLASS
Classification Threshold Current
Class 0 – 1
Class 1 – 2
Class 2 – 3 (Note 9)
l
l
l
5.5
13.5
21.5
6.5
14.5
23
7.5
15.5
24.5
mA
mA
mA
Power Management
VPWRMGT
Power Management Pin Threshold
l
0.98
1
1.02
V
IPWRMGT
Power Management Pin Output Current
Class 0, Class 3, Class 4
Class 1
Class 2
l
l
l
–75.6
–19.6
–34.3
–72.3
–18.8
–32.8
–69
–17.9
–31.3
μA
μA
μA
AC Disconnect
ROSC
OSC Pin Input Impedance
2V ≤ (VOSC – VSS) ≤ 3V
l
175
250
325
kΩ
IOSC
OSC Pin Output Current
VOSC – VSS = 2V
l
–140
140
μA
fOSC
OSC Pin Frequency
VOSC – VSS = 2V
l
103
110
115
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com