Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1749 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1749
Description  12-Bit, 80Msps Wide Bandwidth ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1749 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1749 Datasheet HTML 10Page - Linear Technology LTC1749 Datasheet HTML 11Page - Linear Technology LTC1749 Datasheet HTML 12Page - Linear Technology LTC1749 Datasheet HTML 13Page - Linear Technology LTC1749 Datasheet HTML 14Page - Linear Technology LTC1749 Datasheet HTML 15Page - Linear Technology LTC1749 Datasheet HTML 16Page - Linear Technology LTC1749 Datasheet HTML 17Page - Linear Technology LTC1749 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1749
1749f
can be configured in a noise gain of +2 with the addition of
two equal valued resistors between the output and invert-
ing input and between the two inputs. This however will raise
the noise contributed by the op amps.
Reference Operation
Figure 5 shows the LTC1749 equivalent reference circuitry
consisting of a 2V bandgap reference, a 3-to-1 switch, a
switch control circuit and a difference amplifier.
The 2V bandgap reference serves two functions. First, it is
assessable at the VCM pin to provide a DC bias point for
setting the common mode voltage of any external input
circuitry. Second, it is used to derive internal reference
levels that may be used to set the input range of the ADC.
An external bypass capacitor is required for the 2V refer-
ence output at the VCM pin. This provides a high frequency
low impedance path to ground for internal and external
circuitry. This is also the compensation capacitor for the
reference, which will not be stable without this capacitor.
To achieve the optimal input range for an application, the
internal reference voltage (VREF) is flexible. The reference
switch shown in Figure 5 connects VREF to one of two
internally derived reference voltages, or to an externally
derived reference voltage. The internally derived refer-
ences are selected by strapping the SENSE pin to GND for
0.7V, or to VDD for 1.125V. When 0.7V > VSENSE > 1.125V,
VSENSE is directly connected to VREF. Because of the dual
nature of the SENSE pin, driving it with a logic device is not
recommended.
Reference voltages between 0.7V and 1.125V may be
programmed with two external resistors as shown in
Figure 6a. An external reference may be used by applying
its output directly or through a resistor divider to the
SENSE pin (Figure 6b). When the SENSE pin is driven with
an externally derived reference voltage, it should be by-
passed to ground as close to the device as possible with
a 1
µF ceramic capacitor.
A difference amplifier generates the high and low refer-
ences for the ADC. High speed switching circuits are
connected to these outputs and they must be externally
bypassed. Each output has two pins: REFHA and REFHB
for the high reference and REFLA and REFLB for the low
reference. The doubled output pins are needed to reduce
package inductance. Bypass capacitors must be con-
nected as shown in Figure 5.
APPLICATIO S I FOR ATIO
VCM
REFHA
REFLB
SENSE
TIE TO VDD FOR VREF = 1.125;
TIE TO GND FOR VREF = 0.7V;
VREF = VSENSE FOR
0.7V < VSENSE < 1.125V
2V
REFLA
REFHB
4.7
µF
4.7
µF
INTERNAL ADC
HIGH REFERENCE
BUFFER
VREF
0.1
µF
1749 F05
LTC1749
4
Ω
DIFF AMP
1
µF
1
µF
0.1
µF
INTERNAL ADC
LOW REFERENCE
2V BANDGAP
REFERENCE
1.125V 0.7V
RANGE
DETECT
AND
CONTROL
Figure 5. Equivalent Reference Circuit
Figure 4. Differential Drive with Op Amps
25
Ω
5V
SINGLE-ENDED
INPUT
2V
±1/2
RANGE
VCM
AIN
+
AIN
–
12pF
12pF
12pF
1749 F04
4.7
µF
25
Ω
100
Ω
500
Ω
500
Ω
25
Ω
25
Ω
LTC1749
–
+
1/2 LT1818
–
+
1/2 LT1818



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com