Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1749 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1749
Description  12-Bit, 80Msps Wide Bandwidth ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1749 Datasheet(HTML) 3 Page - Linear Technology

  LTC1749 Datasheet HTML 1Page - Linear Technology LTC1749 Datasheet HTML 2Page - Linear Technology LTC1749 Datasheet HTML 3Page - Linear Technology LTC1749 Datasheet HTML 4Page - Linear Technology LTC1749 Datasheet HTML 5Page - Linear Technology LTC1749 Datasheet HTML 6Page - Linear Technology LTC1749 Datasheet HTML 7Page - Linear Technology LTC1749 Datasheet HTML 8Page - Linear Technology LTC1749 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1749
1749f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
1.95
2
2.05
V
VCM Output Tempco
IOUT = 0
±30
ppm/
°C
VCM Line Regulation
4.75V
≤ VDD ≤ 5.25V
3
mV/V
VCM Output Resistance
1mA
≤ IOUT ≤ 1mA
4
Ω
(Note 5)
I TER AL REFERE CE CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
5MHz Input Signal (PGA = 0)
71.8
dB
5MHz Input Signal (PGA = 1)
70.2
dB
30MHz Input Signal (PGA = 0)
70.5
71.7
dB
30MHz Input Signal (PGA = 1)
70.2
dB
70MHz Input Signal (PGA = 0)
71.4
dB
70MHz Input Signal (PGA = 1)
68.8
70.1
dB
140MHz Input Signal (PGA = 1)
69.8
dB
250MHz Input Signal (PGA = 1)
69.3
dB
350MHz Input Signal (PGA = 1)
67.4
dB
SFDR
Spurious Free Dynamic Range
5MHz Input Signal (PGA = 0)
87
dB
5MHz Input Signal (PGA = 1)
87
dB
30MHz Input Signal (PGA = 0) (HD2 and HD3)
76
87
dB
30MHz Input Signal (PGA = 0) (Other)
83
90
dB
70MHz Input Signal (PGA = 0)
85
dB
70MHz Input Signal (PGA = 1) (HD2 and HD3)
76
87
dB
70MHz Input Signal (PGA = 1) (Other)
83
90
dB
140MHz Input Signal (PGA = 1)
84
dB
250MHz Input Signal (PGA = 1)
80
dB
350MHz Input Signal (PGA = 1)
74
dB
S/(N + D)
Signal-to-(Noise + Distortion) Ratio
5MHz Input Signal (PGA = 0)
71.7
dB
5MHz Input Signal (PGA = 1)
70.1
dB
30MHz Input Signal (PGA = 0)
71.6
dB
30MHz Input Signal (PGA = 1)
70.0
dB
70MHz Input Signal (PGA = 0)
71.2
dB
70MHz Input Signal (PGA = 1)
69.9
dB
250MHz Input Signal (PGA = 1)
68.6
dB
THD
Total Harmonic Distortion
5MHz Input Signal, First 5 Harmonics (PGA = 0)
–87
dB
5MHz Input Signal, First 5 Harmonics (PGA = 1)
–87
dB
30MHz Input Signal, First 5 Harmonics (PGA = 0)
–87
dB
30MHz Input Signal, First 5 Harmonics (PGA = 1)
–87
dB
70MHz Input Signal, First 5 Harmonics (PGA = 0)
–85
dB
70MHz Input Signal, First 5 Harmonics (PGA = 1)
–87
dB
250MHz Input Signal (PGA = 1)
78
dB
IMD
Intermodulation Distortion
fIN1 = 2.52MHz, fIN2 = 5.2MHz (PGA = 0)
–87
dBc
fIN1 = 2.52MHz, fIN2 = 5.2MHz (PGA = 1)
–87
dBc
Sample-and-Hold Bandwidth
RSOURCE = 50Ω
500
MHz
TA = 25°C, AIN = –1dBFS (Note 5), VSENSE = VDD
DY A IC ACCURACY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com