Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1749 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1749
Description  12-Bit, 80Msps Wide Bandwidth ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1749 Datasheet(HTML) 4 Page - Linear Technology

  LTC1749 Datasheet HTML 1Page - Linear Technology LTC1749 Datasheet HTML 2Page - Linear Technology LTC1749 Datasheet HTML 3Page - Linear Technology LTC1749 Datasheet HTML 4Page - Linear Technology LTC1749 Datasheet HTML 5Page - Linear Technology LTC1749 Datasheet HTML 6Page - Linear Technology LTC1749 Datasheet HTML 7Page - Linear Technology LTC1749 Datasheet HTML 8Page - Linear Technology LTC1749 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1749
1749f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t0
ENC Period
(Note 9)
q
12.5
2000
ns
t1
ENC High
(Note 8)
q
6
1000
ns
t2
ENC Low
(Note 8)
q
6
1000
ns
t3
Aperture Delay
(Note 8)
0
ns
t4
ENC to CLKOUT Falling
CL = 10pF (Note 8)
q
1
2.4
4
ns
t5
ENC to CLKOUT Rising
CL = 10pF (Note 8)
t1 + t4
ns
For 80Msps 50% Duty Cycle
CL = 10pF (Note 8)
q
7.25
8.65
10.25
ns
t6
ENC to DATA Delay
CL = 10pF (Note 8)
q
2
4.9
7.2
ns
t7
ENC to DATA Delay (Hold Time)
(Note 8)
q
1.4
3.4
4.7
ns
t8
ENC to DATA Delay (Setup Time)
CL = 10pF (Note 8)
t0 – t6
ns
For 80Msps 50% Duty Cycle
CL = 10pF (Note 8)
q
5.3
7.6
10.5
ns
t9
CLKOUT to DATA Delay (Hold Time),
(Note 8)
q
6ns
80Msps 50% Duty Cycle
t10
CLKOUT to DATA Delay (Setup Time),
CL = 10pF (Note 8)
q
2.1
ns
80Msps 50% Duty Cycle
Data Latency
5
cycles
The q indicates specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
TI I G CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Positive Supply Voltage
4.75
5.25
V
IDD
Positive Supply Current
q
290
338
mA
PDIS
Power Dissipation
q
1.45
1.69
W
OVDD
Digital Output Supply Voltage
0.5
VDD
V
The q indicates specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
POWER REQUIRE E TS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V, MSBINV and PGA
q
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V, MSBINV and PGA
q
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
q
±10
µA
CIN
Digital Input Capacitance
MSBINV and PGA Only
1.5
pF
VOH
High Level Output Voltage
OVDD = 4.75V
IO = –10µA
4.74
V
IO = – 200µA
q
4
4.74
V
VOL
Low Level Output Voltage
OVDD = 4.75V
IO = 160µA
0.05
V
IO = 1.6mA
q
0.1
0.4
V
ISOURCE
Output Source Current
VOUT = 0V
– 50
mA
ISINK
Output Sink Current
VOUT = 5V
50
mA
The q indicates specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
DIGITAL I PUTS A D DIGITAL OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com