Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906CS6 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC6906CS6
Description  Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906CS6 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC6906CS6 Datasheet HTML 4Page - Linear Technology LTC6906CS6 Datasheet HTML 5Page - Linear Technology LTC6906CS6 Datasheet HTML 6Page - Linear Technology LTC6906CS6 Datasheet HTML 7Page - Linear Technology LTC6906CS6 Datasheet HTML 8Page - Linear Technology LTC6906CS6 Datasheet HTML 9Page - Linear Technology LTC6906CS6 Datasheet HTML 10Page - Linear Technology LTC6906CS6 Datasheet HTML 11Page - Linear Technology LTC6906CS6 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC6906
10
6906fa
APPLICATIO S I FOR ATIO
Start-Up Time
When the LTC6906 is powered up, it holds the OUT pin
low. After the master oscillator has settled, the OUT pin is
enabled and the first output cycle is guaranteed to be
within specification. The time from power-up to the first
output transition is given approximately by:
tSTART ≅ 64 • tOSC + 100µs
The digital divider ratio, N, does not affect the start-up
time.
Power Supply Rejection
The LTC6906 has a very low supply voltage coefficient,
meaning that the output frequency is nearly insensitive to
the DC power supply voltage. In most cases, this error
term can be neglected.
High frequency noise on the power supply (V+) pin has the
potential to interfere with the LTC6906’s master oscillator.
Periodic noise, such as that generated by a switching
power supply, can shift the output frequency or increase
jitter. The risk increases when the fundamental frequency
or harmonics of the noise fall near the master oscillator
frequency. It is relatively easy to filter the LTC6906 power
supply because of the very low supply current. For ex-
ample, an RC filter with R = 160
Ω and C = 10µF provides
a 100Hz lowpass filter while dropping the supply voltage
only about 10mV.
Operating the LTC6906 with Supplies Higher
Than 3.6V
The LTC6906 may also be used with supply voltages
between 3.6V and 5.5V under very specific conditions. To
ensure proper functioning above 3.6V, a filter circuit must
be attached to the power supply and located within 1cm of
the device. A simple RC filter consisting of a 100
Ω resistor
and 1
µF capacitor (Figure 16) will ensure that supply
resonance at higher supply voltages does not induce
Figure 12. Test Circuit with an Inductive Power Supply
Figure 13. Output Waveforms with
an Inductive Supply (See Figure 12)
Figure 14. Test Circuit with a Resistive Power Supply
Figure 15. Output Waveforms with
a Resistive Supply (See Figure 14)
V+
GND
DIV
OUT
GRD
SET
LTC6906
RSET
100k
LS
330nH
3.3V
6906 F12
CLOAD
1MHz
V+
GND
DIV
OUT
GRD
SET
LTC6906
RSET
100k
RS
100
Ω
3.3V
6906 F14
CLOAD
1MHz
TIME (
µs)
4.65
2
3
5.05
6906 F13
1
0
4.75
4.85
5.15
3.5
4.95
CLOAD = 5pF
CLOAD = 10pF
CLOAD = 20pF
CLOAD = 50pF
TIME (
µs)
0.4
2
3
1.0
6906 F15
1
0
0.7
0.6
0.5
0.8
1.1
3.5
0.9
CLOAD = 5pF
CLOAD = 10pF
CLOAD = 20pF
CLOAD = 50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com