Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906CS6 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6906CS6
Description  Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906CS6 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6906CS6 Datasheet HTML 4Page - Linear Technology LTC6906CS6 Datasheet HTML 5Page - Linear Technology LTC6906CS6 Datasheet HTML 6Page - Linear Technology LTC6906CS6 Datasheet HTML 7Page - Linear Technology LTC6906CS6 Datasheet HTML 8Page - Linear Technology LTC6906CS6 Datasheet HTML 9Page - Linear Technology LTC6906CS6 Datasheet HTML 10Page - Linear Technology LTC6906CS6 Datasheet HTML 11Page - Linear Technology LTC6906CS6 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC6906
12
6906fa
1MHz WITH
±2.5% RANGE
6906 TA04
RA
97.6k
RB
5k
2.25V TO 3.6V
V+
GND
DIV
OUT
GRD
SET
LTC6906
PART NUMBER
DESCRIPTION
COMMENTS
LTC1799
1kHz to 33MHz ThinSOT Oscillator
Single Output, Greater Frequency Range
LTC6900
1kHz to 20MHz ThinSOT Oscillator
Single Output, Greater Frequency Range
LTC6902
Multiphase Oscillator with Spread Spectrum Frequency Modulation
2-, 3- or 4-Phase Outputs
LTC6903/LTC6904
1kHz to 68MHz Serial Port Programmable Oscillator
Very Wide Frequency Range with Digital Programmability
LTC6905
17MHz to 170MHz ThinSOT Oscillator
Single Output, Higher Frequency
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2005
LT/LWI/LT 0705 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO S
PACKAGE DESCRIPTIO
10kHz TO 1MHz
6906 TA03
RA
RA < RB/10
1% THIN FILM
RB
100k TO 1M
0.1% THIN FILM
2.25V TO 3.6V
÷1
÷3
÷10
V+
GND
DIV
OUT
GRD
SET
LTC6906
0.1
µF
1MHz
1k
6906 TA05
RSET
100k
L1
100
µH
2.25V TO 3.6V
C1
240pF
V+
GND
DIV
OUT
GRD
SET
LTC6906
1.50 – 1.75
(NOTE 4)
2.80 BSC
0.30 – 0.45
6 PLCS (NOTE 3)
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
S6 TSOT-23 0302
2.90 BSC
(NOTE 4)
0.95 BSC
1.90 BSC
0.80 – 0.90
1.00 MAX
0.01 – 0.10
0.20 BSC
0.30 – 0.50 REF
PIN ONE ID
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
3.85 MAX
0.62
MAX
0.95
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. JEDEC PACKAGE REFERENCE IS MO-193
Setting Frequency to 0.1% Resolution with
Standard Resistors
Trimming the Frequency
Sine Wave Oscillator
S6 Package
6-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1636)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com