Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906CS6 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6906CS6
Description  Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906CS6 Datasheet(HTML) 3 Page - Linear Technology

  LTC6906CS6 Datasheet HTML 1Page - Linear Technology LTC6906CS6 Datasheet HTML 2Page - Linear Technology LTC6906CS6 Datasheet HTML 3Page - Linear Technology LTC6906CS6 Datasheet HTML 4Page - Linear Technology LTC6906CS6 Datasheet HTML 5Page - Linear Technology LTC6906CS6 Datasheet HTML 6Page - Linear Technology LTC6906CS6 Datasheet HTML 7Page - Linear Technology LTC6906CS6 Datasheet HTML 8Page - Linear Technology LTC6906CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC6906
3
6906fa
VIH
High Level DIV Input Voltage
V+ = 3.6V
●
3.1
V
V+ = 2.25V
●
2.05
V
VIL
Low Level DIV Input Voltage
V+ = 3.6V
●
0.5
V
V+ = 2.25V
●
0.2
V
IDIV
DIV Input Current (Note 5)
Pin 3 = V+
●
1
2
µA
Pin 3 = 0V
●
–2
–1
µA
VOH
High Level Output Voltage (Note 5)
V+ = 3.6V
IOH = – 100µA
●
3.40
3.59
V
IOH = – 1mA
●
2.80
3.30
V
V+ = 2.25V
IOH = – 100µA
●
2.15
2.2
V
IOH = – 1mA
●
1.75
2.0
V
VOL
Low Level Output Voltage (Note 5)
V+ = 3.6V
IOL = 100µA
●
0.02
0.2
V
IOL = 1mA
●
0.15
0.8
V
V+ = 2.25V
IOL = 100µA
●
0.03
0.1
V
IOL = 1mA
●
0.30
0.5
V
tr
OUT Rise Time (Note 6)
V+ = 3.6V
10
ns
V+ = 2.25V
25
ns
tf
OUT Fall Time (Note 6)
V+ = 3.6V
10
ns
V+ = 2.25V
25
ns
VGS
GRD Pin Voltage Relative to SET Pin
–10
µA ≤ IGRD ≤ 0.3µA
●
–10
10
mV
Voltage
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
● denotes the specifications which apply over the full specified
temperature range, otherwise specifications are at TA = 25°C. V+ = 2.25V to 3.6V, CL = 5pF, Pin 3 = V+ unless otherwise noted.
All voltages are with respect to GND.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Some frequencies may be generated using two different values of
RSET. For these frequencies, the error is specified assuming that the larger
value of RSET is used.
Note 3: Frequency accuracy is defined as the deviation from the fOUT
equation.
Note 4: Jitter is the ratio of the peak-to-peak deviation of the period to the
mean of the period. This specification is based on characterization and is
not 100% tested.
Note 5: Current into a pin is given as a positive value. Current out of a pin
is given as a negative value.
Note 6: Output rise and fall times are measured between the 10% and 90%
power supply levels.
Note 7: The LTC6906C is guaranteed to meet specified performance from
0
°C to 70°C. The LTC6906C is designed, characterized and expected to
meet specified performance from –40
°C to 85°C but is not tested or QA
sampled at these temperatures. The LTC6906I is guaranteed to meet
specified performance from –40
°C to 85°C.
Note 8: Consult the Applications Information section for operation with
supplies higher than 3.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com