Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6912IGN-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6912IGN-1
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912IGN-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6912IGN-1 Datasheet HTML 4Page - Linear Technology LTC6912IGN-1 Datasheet HTML 5Page - Linear Technology LTC6912IGN-1 Datasheet HTML 6Page - Linear Technology LTC6912IGN-1 Datasheet HTML 7Page - Linear Technology LTC6912IGN-1 Datasheet HTML 8Page - Linear Technology LTC6912IGN-1 Datasheet HTML 9Page - Linear Technology LTC6912IGN-1 Datasheet HTML 10Page - Linear Technology LTC6912IGN-1 Datasheet HTML 11Page - Linear Technology LTC6912IGN-1 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC6912
8
6912fa
ELECTRICAL CHARACTERISTICS The ● denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1, RL = 10k to midsupply point, unless
otherwise noted.
C, I GRADES
H GRADE
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Specifications for the LTC6912-1 ONLY
Voltage Noise Density
f = 50kHz
(Referred to Input)
Gain = 1
35.6
35.6
nV/
√Hz
Gain = 2
24.8
24.8
nV/
√Hz
Gain = 5
19.1
19.1
nV/
√Hz
Gain = 10
16.7
16.7
nV/
√Hz
Gain = 20
16
16
nV/
√Hz
Gain = 50
15.4
15.4
nV/
√Hz
Gain = 100
15.1
15.1
nV/
√Hz
Total Harmonic Distortion
Gain = 10, fIN = 10kHz, VOUT = 1VRMS
–90
–90
dB
0.003
0.003
%
Gain = 10, fIN = 100kHz,
–82
–82
dB
VOUT = 1VRMS
0.008
0.008
%
Specifications for the LTC6912-2 ONLY
Voltage Gain (Note 6)
VS = 2.7V, Gain = 1, RL = 10k
●
–0.07
0
0.07
–0.08
0
0.07
dB
VS = 2.7V, Gain = 1, RL = 500Ω
●
–0.11
–0.02
0.07
–0.13
–0.02
0.07
dB
VS = 2.7V, Gain = 2, RL = 10k
●
5.94
6.01
6.08
5.93
6.01
6.08
dB
VS = 2.7V, Gain = 4, RL = 10k
●
11.9
12.02
12.12
11.88
12.02
12.12
dB
VS = 2.7V, Gain = 8, RL = 10k
●
17.8
18.0
18.15
17.75
18.0
18.15
dB
VS = 2.7V, Gain = 8, RL = 500Ω
●
17.65
17.94
18.15
17.50
17.94
18.15
dB
VS = 2.7V, Gain = 16, RL =10k
●
23.8
24.01
24.25
23.75
24.01
24.25
dB
VS = 2.7V, Gain = 32, RL = 10k
●
29.7
30.0
30.2
29.65
30.0
30.2
dB
VS = 2.7V, Gain = 64, RL = 10k
●
35.4
35.8
36.2
35.15
35.8
36.2
dB
VS = 2.7V, Gain = 64, RL = 500Ω
●
34.15
35.3
36.0
33.40
35.3
36.0
dB
VS = 5V, Gain = 1, RL = 10k
●
–0.08
0
0.08
–0.09
0
0.08
dB
VS = 5V, Gain = 1, RL = 500Ω
●
–0.1
–0.01
0.08
–0.12
–0.01
0.08
dB
VS = 5V, Gain = 2, RL = 10k
●
5.95
6.02
6.09
5.94
6.02
6.09
dB
VS = 5V, Gain = 4, RL = 10k
●
11.85
12.02
12.15
11.83
12.02
12.15
dB
VS = 5V, Gain = 8, RL = 10k
●
17.85
18.01
18.15
17.83
18.01
18.15
dB
VS = 5V, Gain = 8, RL = 500Ω
●
17.65
17.96
18.15
17.50
17.96
18.15
dB
VS = 5V, Gain = 16, RL = 10k
●
23.85
24.02
24.15
23.80
24.02
24.15
dB
VS = 5V, Gain = 32, RL = 10k
●
29.70
30.02
30.2
29.65
30.02
30.2
dB
VS = 5V, Gain = 64, RL = 10k
●
35.5
35.9
36.25
35.40
35.9
36.25
dB
VS = 5V, Gain = 64, RL = 500Ω
●
34.6
35.6
36.0
33.8
35.6
36.0
dB
VS = ±5V, Gain = 1, RL = 10k
●
–0.06
0.01
0.08
–0.07
0.01
0.08
dB
VS = ±5V, Gain = 1, RL = 500Ω
●
–0.1
0
0.08
–0.11
0
0.08
dB
VS = ±5V, Gain = 2, RL = 10k
●
5.95
6.02
6.09
5.94
6.02
6.09
dB
VS = ±5V, Gain = 4, RL = 10k
●
11.9
12.03
12.15
11.88
12.03
12.15
dB
VS = ±5V, Gain = 8, RL = 10k
●
17.85
18.02
18.15
17.83
18.02
18.15
dB
VS = ±5V, Gain = 8, RL = 500Ω
●
17.80
17.99
18.15
17.73
17.99
18.15
dB
VS = ±5V, Gain = 16, RL = 10k
●
23.85
24.03
24.15
23.82
24.03
24.15
dB
VS = ±5V, Gain = 32, RL = 10k
●
29.85
30.0
30.2
29.8
30.0
30.20
dB
VS = ±5V, Gain = 64, RL = 10k
●
35.65
36.0
36.20
35.55
36.0
36.20
dB
VS = ±5V, Gain = 64, RL = 500Ω
●
35.15
35.8
36.10
34.45
35.8
36.10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com