Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6912IGN-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6912IGN-1
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912IGN-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6912IGN-1 Datasheet HTML 7Page - Linear Technology LTC6912IGN-1 Datasheet HTML 8Page - Linear Technology LTC6912IGN-1 Datasheet HTML 9Page - Linear Technology LTC6912IGN-1 Datasheet HTML 10Page - Linear Technology LTC6912IGN-1 Datasheet HTML 11Page - Linear Technology LTC6912IGN-1 Datasheet HTML 12Page - Linear Technology LTC6912IGN-1 Datasheet HTML 13Page - Linear Technology LTC6912IGN-1 Datasheet HTML 14Page - Linear Technology LTC6912IGN-1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC6912
11
6912fa
ELECTRICAL CHARACTERISTICS The ● denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1, RL = 10k to midsupply point, unless
otherwise noted.
SERIAL I TERFACE SPECIFICATIO S
C, I GRADES
H GRADE
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Specifications for the LTC6912-2 ONLY
Voltage Noise Density
f = 50kHz
(Referred to Input)
Gain = 1
31.1
31.1
nV/
√Hz
Gain = 2
22.8
22.8
nV/
√Hz
Gain = 4
17
17
nV/
√Hz
Gain = 8
14.6
14.6
nV/
√Hz
Gain = 16
13.2
13.2
nV/
√Hz
Gain = 32
12.9
12.9
nV/
√Hz
Gain = 64
12.6
12.6
nV/
√Hz
Total Harmonic Distortion
Gain = 8, fIN = 10kHz, VOUT = 1VRMS
–84
–84
dB
0.006
0.006
%
Gain = 8, fIN = 100kHz, VOUT = 1VRMS
–82
–82
dB
0.008
0.008
%
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital I/O Logic Levels, All Digital I/O Voltage Referenced to DGND
VIH
Digital Input High Voltage
●
2V
VIL
Digital Input Low Voltage
●
0.8
V
VOH
Digital Output High Voltage
Sourcing 500
µA
● V+ – 0.3
V
VOL
Digital Output Low Voltage
Sinking 500
µA
●
0.3
V
Serial Interface Timing, V+ = 2.7V ~ 4.5V, V– = 0V (Note 10)
t1
DIN Valid to CLK Setup
●
60
ns
t2
DIN Valid to CLK Hold
●
0ns
t3
CLK Low
●
100
ns
t4
CLK High
●
100
ns
t5
CS/LD Pulse Width
●
60
ns
t6
LSB CLK to CS/LD
●
60
ns
t7
CS/LD Low to CLK
●
30
ns
t8
DOUT Output Delay
CL = 15pF
●
125
ns
t9
CLK Low to CS/LD Low
●
0ns
Serial Interface Timing, V+ = 4.5V ~ 5.5V, V– = 0V (Note 10)
t1
DIN Valid to CLK Setup
●
30
ns
t2
DIN Valid to CLK Hold
●
0ns
t3
CLK Low
●
50
ns
t4
CLK High
●
50
ns
t5
CS/LD Pulse Width
●
40
ns
t6
LSB CLK to CS/LD
●
40
ns
t7
CS/LD Low to CLK
●
20
ns
t8
DOUT Output Delay
CL = 15pF
●
85
ns
t9
CLK Low to CS/LD Low
●
0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com