Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6912IGN-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6912IGN-1
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912IGN-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC6912IGN-1 Datasheet HTML 1Page - Linear Technology LTC6912IGN-1 Datasheet HTML 2Page - Linear Technology LTC6912IGN-1 Datasheet HTML 3Page - Linear Technology LTC6912IGN-1 Datasheet HTML 4Page - Linear Technology LTC6912IGN-1 Datasheet HTML 5Page - Linear Technology LTC6912IGN-1 Datasheet HTML 6Page - Linear Technology LTC6912IGN-1 Datasheet HTML 7Page - Linear Technology LTC6912IGN-1 Datasheet HTML 8Page - Linear Technology LTC6912IGN-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC6912
4
6912fa
ELECTRICAL CHARACTERISTICS The ● denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1, RL = 10k to midsupply point, unless
otherwise noted.
C, I GRADES
H GRADE
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Specifications for Both the LTC6912-1 and the LTC6912-2
Total Supply Voltage (VS)
●
2.7
10.5
2.7
10.5
V
Supply Current per Channel
Both Amplifiers Active (Gain = 1)
VS = 2.7V, VINA = VINB = VAGND
●
1.75
2.75
1.75
3.0
mA
VS = 5V, VINA = VINB = VAGND
●
2.0
3.0
2.0
3.25
mA
VS = ±5V, VINA = VINB = 0V
●
2.25
3.5
2.25
3.75
mA
Supply Current per Channel
Both Amplifiers Inactive (State 1000)
(Software Shutdown)
VS = 2.7V, VINA = VINB = VAGND
●
150
255
150
280
µA
VS = 5V, VINA = VINB = VAGND
●
200
325
200
350
µA
VS = ±5V, VINA = VINB = 0V
●
265
750
265
750
µA
Total-Supply Current
VS = 2.7V, VSHDN = 2.43V
●
0.3
2
0.3
5
µA
(Hardware Shutdown,
VS = 5V, VSHDN = 4.5V
●
3.6
10
3.6
10
µA
GN-16 Package Only)
VS = ±5V, VSHDN = 4.5V
●
20
50
20
50
µA
Output Voltage Swing LOW
VS = 2.7V, RL = 10k Tied to Midsupply Point
●
12
30
12
35
mV
(Note 4)
VS = 2.7V, RL = 500Ω Tied to Midsupply Point ●
60
110
50
125
mV
VS = 5V, RL = 10k Tied to Midsupply Point
●
20
40
20
45
mV
VS = 5V, RL = 500Ω Tied to Midsupply Point
●
100
170
90
190
mV
VS = ±5V, RL = 10k Tied to 0V
●
30
50
30
60
mV
VS = ±5V, RL = 500Ω Tied to 0V
●
190
260
80
290
mV
Output Voltage Swing HIGH
VS = 2.7V, RL = 10k Tied to Midsupply Point
●
10
20
10
25
mV
(Note 4)
VS = 2.7V, RL = 500Ω Tied to Midsupply Point ●
50
80
50
90
mV
VS = 5V, RL = 10k Tied to Midsupply Point
●
15
30
15
35
mV
VS = 5V, RL = 500Ω Tied to Midsupply Point
●
90
160
80
175
mV
VS = ±5V, RL = 10k Tied to 0V
●
20
40
20
45
mV
VS = ±5V, RL = 500Ω Tied to 0V
●
180
250
180
270
mV
Output Short-Circuit Current
VS = 2.7V
●
±27
±27
mA
(Note 5)
VS = ±5V
●
±35
±35
mA
AGND Open-Circuit Voltage
VS = Single 5V Supply, VSHDN = 0.5V
●
2.45
2.5
2.55
2.45
2.5
2.55
V
(GN-16 Package Only)
VS = Single 5V Supply, VSHDN = 4.5V
2.65
2.65
V
AGND (Common Mode)
VS = Single 2.7V Supply
●
0.55
1.6
0.55
1.6
V
Input Voltage Range
VS = Single 5V Supply
●
0.75
3.65
0.75
3.65
V
VS = ±5V
●
–4.3
3.2
–4.3
3.2
V
AGND Rejection (i.e., Common
VS = 2.7V, VAGND = 1.1V to 1.6V
●
55
80
50
80
dB
Mode Rejection or CMRR)
VS = ±5V, VAGND = –2.5V to 2.5V
●
55
75
50
75
dB
Power Supply Rejection Ratio (PSRR) VS =2.7V to ±5V
●
60
80
57
80
dB
Slew Rate
Gain = 1
VS = 5V, VOUTA = VOUTB = 1.1V to 3.9V
12
12
V/
µs
VS = ±5V, VOUTA = VOUTB = ±1.4V
16
16
V/
µs
Gain = 10 (–1), Gain = 8 (–2)
VS = 5V, VOUTA = VOUTB = 1.1V to 3.9V
20
20
V/
µs
VS = ±5V, VOUTA = VOUTB = ±1.4V
26
26
V/
µs
Signal Attenuation at Gain = 0 Setting
Gain = 0 (Digital Inputs 0000),
●
–120
–120
dB
f = 200kHz
Signal Attenuation in Software
(State = 1000)
●
–120
–120
dB
Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com