Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4603 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4603
Description  6A DC/DC 關Module with PLL, Output Tracking and Margining
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4603 Datasheet HTML 9Page - Linear Technology LTM4603 Datasheet HTML 10Page - Linear Technology LTM4603 Datasheet HTML 11Page - Linear Technology LTM4603 Datasheet HTML 12Page - Linear Technology LTM4603 Datasheet HTML 13Page - Linear Technology LTM4603 Datasheet HTML 14Page - Linear Technology LTM4603 Datasheet HTML 15Page - Linear Technology LTM4603 Datasheet HTML 16Page - Linear Technology LTM4603 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTM4603/LTM4603-1
13
4603f
APPLICATIO S I FOR ATIO
the ramp of the internal reference and the output voltage.
The total soft-start time can be calculated as:
tV
V V
C
µ
SOFTSTART
OUT MARGIN
SS
=
()
08
06
15
.•
.–
•
.
()
A
A
When the RUN pin falls below 1.5V, then the SS pin is reset
to allow for proper soft-start control when the regulator
is enabled again. Current foldback and force continuous
mode are disabled during the soft-start process. The
soft-start function can also be used to control the output
ramp up time, so that another regulator can be easily
tracked to it.
Output Voltage Tracking
Output voltage tracking can be programmed externally
using the TRACK/SS pin. The output can be tracked up and
down with another regulator. The master regulator’s output
is divided down with an external resistor divider that is the
same as the slave regulator’s feedback divider. Figure 5
shows an example of coincident tracking. Ratiometric
modes of tracking can be achieved by selecting different
resistor values to change the output tracking ratio. The
master output must be greater than the slave output for
the tracking to work. Figure 6 shows the coincident output
tracking characteristics.
Run Enable
The RUN pin is used to enable the power module. The
pin has an internal 5.1V zener to ground. The pin can be
driven with a logic input not to exceed 5V.
The RUN pin can also be used as an undervoltage lock out
(UVLO) function by connecting a resistor divider from the
input supply to the RUN pin:
V
RR
R
V
UVLO =
+
12
2
15
•.
Power Good
The PGOOD pin is an open-drain pin that can be used to
monitor valid output voltage regulation. This pin monitors
a ±10% window around the regulation point and tracks
with margining.
COMP Pin
This pin is the external compensation pin. The module
has already been internally compensated for most output
voltages. Table 2 is provided for most application require-
ments. A spice model will be provided for other control
loop optimization.
PLLIN
The power module has a phase-locked loop comprised of an
internal voltage controlled oscillator and a phase detector.
This allows the internal top MOSFET turn-on to be locked
Figure 5
Figure 6
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
–
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
TRACK CONTROL
PLLIN
LTM4603
RSET
40.2k
100k
R1
40.2k
MASTER
OUTPUT
R2
60.4k
COUT
SLAVE OUTPUT
4603 F05
60.4k FROM
VOUT TO VFB
CIN
VIN
fSET
PGND
SGND
VIN
OUTPUT
VOLTAGE
TIME
4603 F06
MASTER OUTPUT
SLAVE OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com