Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4603 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4603
Description  6A DC/DC 關Module with PLL, Output Tracking and Margining
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4603 Datasheet HTML 16Page - Linear Technology LTM4603 Datasheet HTML 17Page - Linear Technology LTM4603 Datasheet HTML 18Page - Linear Technology LTM4603 Datasheet HTML 19Page - Linear Technology LTM4603 Datasheet HTML 20Page - Linear Technology LTM4603 Datasheet HTML 21Page - Linear Technology LTM4603 Datasheet HTML 22Page - Linear Technology LTM4603 Datasheet HTML 23Page - Linear Technology LTM4603 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTM4603/LTM4603-1
21
4603f
Figure 19. 2-Phase, 2.5V and 1.2V at 6A with Tracking
Figure 18. Typical 4.5V-20VIN, 1.5V at 6A Design
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
–
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4603
R5
392k
*C11 OPTIONAL TO REDUCE LC RINGING.
NOT NEEDED FOR LOW INDUCTANCE PLANE CONNECTIONS
R2
100k
R1
100k
R7
60.4k
C4
22
µF
6.3V
C5
470
µF
6.3V
1.2V AT 6A
2.5V
CLOCK SYNC 0
° PHASE
CLOCK SYNC 180
° PHASE
C6 100pF
C6 100pF
MARGIN
CONTROL
MARGIN
CONTROL
C1
10
µF
25V
VIN
1.2V
fSET
PGND
SGND
LTC6908-1
4.5V TO 16V
2-PHASE
OSCILLATOR
4603 F19
+
+
V+
GND
SET
4
5
6
1
2
3
OUT1
OUT2
MOD
C10
10
µF
25V
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
–
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4603
R6
392k
R4
100k
R3
100k
R8
19.1k
C7
22
µF
6.3V
C8
470
µF
6.3V
2.5V AT 6A
C2
10
µF
25V
VIN
2.5V
fSET
PGND
SGND
4.5V TO 16V
C3
0.01
µF
+
C11*
100
µF
25V
C12
0.1
µF
R11
118k
R9
19.1k
R10
60.4k
VOUT
VFB
MARG0
MARG1
VOUT_LCL
DIFFVOUT
VOSNS
+
VOSNS
–
PGOOD
MPGM
RUN
COMP
INTVCC
DRVCC
TRACK/SS
PLLIN
LTM4603
R1
392k
R4
100k
R2
100k
RSET
40.2k
COUT1
22
µF
6.3V
C5
0.01
µF
COUT2
470
µF
6.3V
MARGIN
CONTROL
4603 F18
VOUT
1.5V
6A
CLOCK SYNC
C3 100pF
REFER TO
TABLE 2
CIN
BULK
OPT.
TABLE 2
CIN
10
µF
25V
×2 CER
VIN
fSET
PGND
SGND
5% MARGIN
VIN
4.5V TO 20V
REVIEW TEMPERATURE
DERATING CURVE
+
+
PGOOD
VOUT
ON/OFF
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com