Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4603 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4603
Description  6A DC/DC 關Module with PLL, Output Tracking and Margining
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4603 Datasheet HTML 10Page - Linear Technology LTM4603 Datasheet HTML 11Page - Linear Technology LTM4603 Datasheet HTML 12Page - Linear Technology LTM4603 Datasheet HTML 13Page - Linear Technology LTM4603 Datasheet HTML 14Page - Linear Technology LTM4603 Datasheet HTML 15Page - Linear Technology LTM4603 Datasheet HTML 16Page - Linear Technology LTM4603 Datasheet HTML 17Page - Linear Technology LTM4603 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTM4603/LTM4603-1
14
4603f
to the rising edge of the external clock. The frequency
range is ±30% around the operating frequency of 1MHz.
A pulse detection circuit is used to detect a clock on the
PLLIN pin to turn on the phase lock loop. The pulse width
of the clock has to be at least 400ns and 2V in amplitude.
During the start-up of the regulator, the phase-lock loop
function is disabled.
INTVCC and DRVCC Connection
An internal low dropout regulator produces an internal
5V supply that powers the control circuitry and DRVCC
for driving the internal power MOSFETs. Therefore, if
the system does not have a 5V power rail, the LTM4603
can be directly powered by Vin. The gate driver current
through the LDO is about 20mA. The internal LDO power
dissipation can be calculated as:
PLDO_LOSS = 20mA • (VIN – 5V)
The LTM4603 also provides the external gate driver volt-
age pin DRVCC. If there is a 5V rail in the system, it is
recommended to connect DRVCC pin to the external 5V
rail. This is especially true for higher input voltages. Do
not apply more than 6V to the DRVCC pin. A 5V output can
be used to power the DRVCC pin with an external circuit
as shown in Figure 16.
Parallel Operation of the Module
The LTM4603 device is an inherently current mode con-
trolled device. Parallel modules will have very good current
sharing. This will balance the thermals on the design. The
voltage feedback equation changes with the variable
η as
modules are paralleled:
VV
k
R
R
OUT
FB
FB
=
+
06
60 4
.
.
η
η is the number of paralleled modules.
Thermal Considerations and Output Current Derating
The power loss curves in Figures 7 and 8 can be used
in coordination with the load current derating curves in
Figures 9 to 12, and Figures 13 to 14 for calculating an
approximate
θJA for the module with various heat sinking
methods. Thermal models are derived from several tem-
perature measurements at the bench and thermal modeling
analysis. Thermal Application Note 103 provides a detailed
explanation of the analysis for the thermal models and the
derating curves. Tables 3 and 4 provide a summary of the
equivalent
θJA for the noted conditions. These equivalent
θJA parameters are correlated to the measured values,
and are improved with air flow. The case temperature is
maintained at 100°C or below for the derating curves.
This allows for 4W maximum power dissipation in the
total module with top and bottom heatsinking, and 2W
power dissipation through the top of the module with an
approximate
θJC between 6°C/W to 9°C/W. This equates
to a total of 124°C at the junction of the device.
APPLICATIO S I FOR ATIO
Figure 7. 1.5V Power Loss
Figure 8. 3.3V Power Loss
Figure 9. No Heat Sink
OUTPUT CURRENT (A)
0
2.0
2.5
3.5
35
4603 F07
1.5
1.0
12
46
7
0.5
0
3.0
20V LOSS
12V LOSS
5V LOSS
OUTPUT CURRENT (A)
0
2.0
2.5
3.5
35
4603 F08
1.5
1.0
12
46
7
0.5
0
3.0
20V LOSS
12V LOSS
AMBIENT TEMPERATURE (
°C)
75
0
1
2
3
4
5
6
80
85
90
95
4603 F09
5VIN, 1.5VOUT, 0LFM
5VIN, 1.5VOUT, 200LFM
5VIN, 1.5VOUT, 400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com