Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4608 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4608
Description  Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4608 Datasheet HTML 12Page - Linear Technology LTM4608 Datasheet HTML 13Page - Linear Technology LTM4608 Datasheet HTML 14Page - Linear Technology LTM4608 Datasheet HTML 15Page - Linear Technology LTM4608 Datasheet HTML 16Page - Linear Technology LTM4608 Datasheet HTML 17Page - Linear Technology LTM4608 Datasheet HTML 18Page - Linear Technology LTM4608 Datasheet HTML 19Page - Linear Technology LTM4608 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTM4608
16
4608f
APPLICATIONS INFORMATION
Ratiometric tracking can be achieved by a few simple
calculations and the slew rate value applied to the master’s
track pin. As mentioned above, the TRACK pin has a control
range from 0V to 0.596V. The master’s TRACK pin slew
rate is directly equal to the master’s output slew rate in
Volts/Time:
MR
SR
kRFB
•10
3
=
where MR is the master’s output slew rate and SR is the
slave’s output slew rate in Volts/Time. When coincident
tracking is desired, then MR and SR are equal, thus RFB3
is equal the 10k. RFB4 is derived from equation:
R
V
V
k
V
R
V
R
FB
FB
FB
FB
TRACK
FB
4
23
0 596
10
=
+
.
–
where VFB is the feedback voltage reference of the regula-
tor and VTRACK is 0.596V. Since RFB3 is equal to the 10k
top feedback resistor of the slave regulator in equal slew
rate or coincident tracking, then RFB4 is equal to RFB2 with
VFB = VTRACK. Therefore RFB3 = 10k and RFB4 = 6.65k in
Figure 5.
In ratiometric tracking, a different slew rate maybe desired
for the slave regulator. RFB3 can be solved for when SR
is slower than MR. Make sure that the slave supply slew
rate is chosen to be fast enough so that the slave output
voltage will reach it final value before the master output.
For example: MR = 3.3V/ms and SR = 1.5V/ms. Then
RFB3 = 22.1k. Solve for RFB4 to equal to 4.87k.
For applications that do not require tracking or sequencing,
simply tie the TRACK pin to SVIN to let RUN control the
turn on/off. Connecting TRACK to SVIN also enables the
~100μs of internal soft-start during start-up. Load current
needs to be present during track down.
Power Good
The PGOOD pin is an open-drain pin that can be used to
monitor valid output voltage regulation. This pin monitors
a ±10% window around the regulation point. As shown
in Figure 20, the sequencing function can be realized in a
dual output application by controlling the RUN pins and the
PGOOD signals from each other. The 1.5V output begins
its soft starting after the PGOOD signal of 3.3V output
becomes high, and 3.3V output starts its shut down after
the PGOOD signal of 1.5V output becomes low. This can
be applied to systems that require voltage sequencing
between the core and sub-power supplies.
Slope Compensation
The module has already been internally compensated for
all output voltages. Table 3 is provided for most application
requirements. A spice model will be provided for other
control loop optimization. For single module operation,
connect ITHM pin to SGND. For parallel operation, tie ITHM
pins together and then connect to SGND at one point. Tie
ITH pins together to share currents evenly for all phases.
Figure 7. 3.3VIN, 2.5V and 1.5VOUT Power Loss
Figure 8. 5VIN, 3.3V and 1.5VOUT Power Loss
LOAD CURRENT (A)
0
2.0
2.5
3.0
8
4608 F07
1.5
1.0
0
2
4
6
0.5
4.0
3.5
3.3VIN 1.5VOUT
3.3VIN 2.5VOUT
LOAD CURRENT (A)
0
2.0
2.5
3.0
8
4608 F08
1.5
1.0
0
2
4
6
0.5
4.0
3.5
5VIN 1.5VOUT
5VIN 3.3VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com