Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4608 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4608
Description  Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4608 Datasheet HTML 16Page - Linear Technology LTM4608 Datasheet HTML 17Page - Linear Technology LTM4608 Datasheet HTML 18Page - Linear Technology LTM4608 Datasheet HTML 19Page - Linear Technology LTM4608 Datasheet HTML 20Page - Linear Technology LTM4608 Datasheet HTML 21Page - Linear Technology LTM4608 Datasheet HTML 22Page - Linear Technology LTM4608 Datasheet HTML 23Page - Linear Technology LTM4608 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTM4608
21
4608f
APPLICATIONS INFORMATION
Figure 20. Dual LTM4608 Output Sequencing Application
Figure 21. 2.5V to 5.5VIN, 1.2VOUT Design
VIN
SVIN
SW
RUN
PLLLPF
TRACK
MODE
PHMODE
VOUT
FB
ITH
ITHM
PGOOD
BSEL
MGN
CLKOUT GND
CLKIN
CLKIN
100μF
6.3V
X5R
100k
100k
RFB1
2.21k
R2
100k
3.3V
1.5V
R1
100k
C3
22pF
RFB2
6.65k
VOUT2
3.3V
7A
VOUT1
1.5V
8A
VIN
5V
D1
MMSD4148
D2
MMSD4148
LTM4608
SGND
VIN
SVIN
SW
RUN
PLLLPF
TRACK
MODE
PHMODE
VOUT
FB
ITH
ITHM
PGOOD
BSEL
MGN
CLKOUT GND
CLKIN
C2
100pF
C1
100μF
6.3V
X5R
C4
100μF
SANYO
POSCAP
10mΩ
4608 F20
LTM4608
SGND
SHDN
SHDN
SHDN
3.3V
1.5V
+
VIN
SVIN
SW
RUN
PLLLPF
TRACK
MODE
PHMODE
VOUT
FB
ITH
ITHM
PGOOD
BSEL
MGN
PGOOD
BSEL
1.2V
MODE
PHMODE
CLKOUT GND
CLKIN
CLKIN
C2
100μF
6.3V
X5R
C1
100μF
6.3V
X5R
10μF
100pF
10k
4608 F21
VOUT
1.2V/8A
5A AT
2.5V INPUT
VIN
2.5V TO 5.5V
LTM4608
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com