Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4608 Datasheet(PDF) 18 Page - Linear Technology

Part # LTM4608
Description  Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM4608 Datasheet HTML 14Page - Linear Technology LTM4608 Datasheet HTML 15Page - Linear Technology LTM4608 Datasheet HTML 16Page - Linear Technology LTM4608 Datasheet HTML 17Page - Linear Technology LTM4608 Datasheet HTML 18Page - Linear Technology LTM4608 Datasheet HTML 19Page - Linear Technology LTM4608 Datasheet HTML 20Page - Linear Technology LTM4608 Datasheet HTML 21Page - Linear Technology LTM4608 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTM4608
18
4608f
APPLICATIONS INFORMATION
Table 4. 1.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 9, 11
3.3, 5
Figures 7, 8
0
None
25
Figures 9, 11
3.3, 5
Figures 7, 8
200
None
21
Figures 9, 11
3.3, 5
Figures 7, 8
400
None
20
Figures 10, 12
3.3, 5
Figures 7, 8
0
BGA Heat Sink
23.5
Figures 10, 12
3.3, 5
Figures 7, 8
200
BGA Heat Sink
22
Figures 10, 12
3.3, 5
Figures 7, 8
400
BGA Heat Sink
22
Table 5. 3.3V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 15
5
Figure 8
0
None
25
Figure 15
5
Figure 8
200
None
21
Figure 15
5
Figure 8
400
None
20
Figure 16
5
Figure 8
0
BGA Heat Sink
23.5
Figure 16
5
Figure 8
200
BGA Heat Sink
22
Figure 16
5
Figure 8
400
BGA Heat Sink
22
Figure 15. No Heat Sink with 5VIN to 3.3VOUT
Figure 16. BGA Heat Sink with 5VIN to 3.3VOUT
AMBIENT TEMPERATURE (°C)
40
5
6
7
120
4608 F15
4
3
0
1
60
80
100
50
70
90
110
2
9
8
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
40
5
6
7
120
4608 F16
4
3
0
1
60
80
100
50
70
90
110
2
9
8
400LFM
200LFM
0LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com