Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4606V Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4606V
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606V Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4606V Datasheet HTML 10Page - Linear Technology LTM4606V Datasheet HTML 11Page - Linear Technology LTM4606V Datasheet HTML 12Page - Linear Technology LTM4606V Datasheet HTML 13Page - Linear Technology LTM4606V Datasheet HTML 14Page - Linear Technology LTM4606V Datasheet HTML 15Page - Linear Technology LTM4606V Datasheet HTML 16Page - Linear Technology LTM4606V Datasheet HTML 17Page - Linear Technology LTM4606V Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTM4606
14
4606f
APPLICATIONS INFORMATION
Thermal Considerations and Output Current Derating
In different applications, LTM4606 operates in a variety
of thermal environments. The maximum output current is
limited by the environment thermal condition. Sufficient
cooling should be provided to help ensure reliable opera-
tion. When the cooling is limited, proper output current
derating is necessary, considering ambient temperature,
airflow, input/output condition, and the need for increased
reliability.
The power loss curves in Figures 6 and 7 can be used
in coordination with the load current derating curves in
Figures 8 to 15 for calculating an approximate
θJA for the
module. The graphs delineate between no heat sink, and
a BGA heat sink. Each of the load current derating curves
will lower the maximum load current as a function of the
increased ambient temperature to keep the maximum junc-
tion temperature of the power module at 125°C maximum.
Each of the derating curves and the power loss curve that
corresponds to the correct output voltage can be used to
solve for the approximate
θJA of the condition. Each figure
has three curves that are taken at three different air flow
conditions. Tables 3 and 4 provide the approximate
θJA
for Figures 8 to 15. A complete explanation of the thermal
characteristics is provided in the thermal application note
AN110.
Safety Considerations
The LTM4606 modules do not provide isolation from VIN to
VOUT. There is no internal fuse. If required, a slow blow fuse
Figure 6. 1.5V Power Loss
Figure 7. 3.3V Power Loss
Figure 8. No Heat Sink
Figure 9. BGA Heat Sink
Figure 10. No Heat Sink
Figure 11. BGA Heat Sink
OUTPUT CURRENT (A)
0
2.0
2.5
35
4606 F06
1.5
1.0
12
4
6
7
0.5
0
12V LOSS
5V LOSS
OUTPUT CURRENT (A)
0
2.0
2.5
4.0
3.5
35
4606 F07
1.5
1.0
12
4
6
7
0.5
0
3.0
24V LOSS
12V LOSS
AMBIENT TEMPERATURE (°C)
75
0
1
2
3
4
5
6
80
85
90
95
4606 F08
5VIN, 1.5VOUT, 0LFM
5VIN, 1.5VOUT, 200LFM
5VIN, 1.5VOUT, 400LFM
AMBIENT TEMPERATURE (°C)
75
0
1
2
3
4
5
6
80
85
90
95
4606 F09
5VIN, 1.5VOUT, 0LFM
5VIN, 1.5VOUT, 200LFM
5VIN, 1.5VOUT, 400LFM
AMBIENT TEMPERATURE (°C)
70
0
1
2
3
4
5
6
75
80
85
90
4606 F10
95
12VIN, 1.5VOUT, 0LFM
12VIN, 1.5VOUT, 200LFM
12VIN, 1.5VOUT, 400LFM
AMBIENT TEMPERATURE (°C)
70
0
1
2
3
4
5
6
75
80
85
90
4606 F11
95
12VIN, 1.5VOUT, 0LFM
12VIN, 1.5VOUT, 200LFM
12VIN, 1.5VOUT, 400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com