Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4606V Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4606V
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606V Datasheet(HTML) 2 Page - Linear Technology

  LTM4606V Datasheet HTML 1Page - Linear Technology LTM4606V Datasheet HTML 2Page - Linear Technology LTM4606V Datasheet HTML 3Page - Linear Technology LTM4606V Datasheet HTML 4Page - Linear Technology LTM4606V Datasheet HTML 5Page - Linear Technology LTM4606V Datasheet HTML 6Page - Linear Technology LTM4606V Datasheet HTML 7Page - Linear Technology LTM4606V Datasheet HTML 8Page - Linear Technology LTM4606V Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM4606
2
4606f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
DRVCC, VOUT ................................................ –0.3V to 6V
PLLIN, FCB, TRACK/SS, MPGM, MARG0,
MARG1, PGOOD, RUN ..........–0.3V to INTVCC + 0.3V
VFB, fSET, COMP ........................................ –0.3V to 2.7V
VIN, VD ....................................................... –0.3V to 28V
Internal Operating Temperature Range (Note 2)
E and I Grades ...................................–40°C to 125°C
MP Grade...........................................–55°C to 125°C
Junction Temperature ........................................... 125°C
Storage Temperature Range...................–45°C to 125°C
(Note 1)
LGA PACKAGE
133-LEAD (15mm × 15mm × 2.8mm)
TOP VIEW
VIN
BANK 1
VD
PGND
BANK 2
VOUT
BANK 3
RUN
COMP
MPGM
PLLIN
INTVCC
TRACK/SS
SGND
12
2
1
4
3
5
6
9
8
10
11
7
L
K
J
H
G
F
E
D
C
BM
A
TJMAX = 125°C, θJA = 15°C/W, θJC = 6°C/W
θJA DERIVED FROM 95mm × 76mm PCB WITH 4 LAYERS
WEIGHT = 1.7g
ORDER INFORMATION
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM4606EV#PBF
LTM4606EV#PBF
LTM4606V
133-Lead (15mm
× 15mm × 2.8mm) LGA
–40°C to 125°C
LTM4606IV#PBF
LTM4606IV#PBF
LTM4606V
133-Lead (15mm
× 15mm × 2.8mm) LGA
–40°C to 125°C
LTM4606MPV#PBF
LTM4606MPV#PBF
LTM4606MPV
133-Lead (15mm
× 15mm × 2.8mm) LGA
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://linear.com/packaging/
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(DC)
Input DC Voltage
l
4.5
28
V
VOUT(DC)
Output Voltage, Total Variation with
Line and Load
CIN = 10μF x2, COUT = 200μF; FCB = 0
VIN = 5V to 28V, IOUT = 0A to 6A, (Note 4)
l
1.478
1.5
1.522
V
Input Specifications
VIN(UVLO)
Undervoltage Lockout Threshold
IOUT = 0A
3.2
4
V
IINRUSH(VIN)
Input Inrush Current at Start-Up
IOUT = 0A, CIN = 10μF x2, COUT = 200μF,
VOUT = 1.5V
VIN = 5V
VIN = 12V
0.6
0.7
A
A
The
l denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, unless otherwise noted. Per typical application
(front page) configuration, RFB = 40.2k.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com