Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4606V Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4606V
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606V Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4606V Datasheet HTML 2Page - Linear Technology LTM4606V Datasheet HTML 3Page - Linear Technology LTM4606V Datasheet HTML 4Page - Linear Technology LTM4606V Datasheet HTML 5Page - Linear Technology LTM4606V Datasheet HTML 6Page - Linear Technology LTM4606V Datasheet HTML 7Page - Linear Technology LTM4606V Datasheet HTML 8Page - Linear Technology LTM4606V Datasheet HTML 9Page - Linear Technology LTM4606V Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM4606
6
4606f
VOUT
0.5V/DIV
IIN
0.5A/DIV
1ms/DIV
4606 G10
VIN = 12V
VOUT = 1.5V
COUT = 1x 22μF, 6.3V CERAMIC
1x 330μF, 4V SANYO POSCAP
SOFT-START = 3.9nF
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up, IOUT = 6A
(Resistive Load)
Short-Circuit Protection,
IOUT = 0A
Short-Circuit Protection,
IOUT = 6A
VIN to VOUT Step-Down
Operation Region
Input Ripple
Output Ripple
VOUT
2V/DIV
IIN
0.2A/DIV
50μs/DIV
4606 G11
VIN = 12V
VOUT = 2.5V
COUT = 2x 22μF, 10V CERAMIC
1x 100μF, 6.3V CERAMIC
SOFT-START = 0.1μF
VOUT
1V/DIV
IIN
2A/DIV
50μs/DIV
4606 G12
VIN = 12V
VOUT = 2.5V
COUT = 2x 22μF, 10V CERAMIC
1x 100μF, 6.3V CERAMIC
SOFT-START = 0.1μF
VIN
10mV/DIV
2μs/DIV
4606 G14
VIN = 5V
VOUT = 1V AT 6A
CIN = 3x 10μF, 25V CERAMIC
1x 150μF BULK
BW = 300MHz
VOUT
2mV/DIV
2μs/DIV
4606 G15
VIN = 5V
VOUT = 1V AT 6A
COUT = 2x 22μF, 6.3V CERAMIC
1x 100μF, 6.3V CERAMIC
BW = 300MHz
VOUT (V)
0.6
28
24
8
20
16
12
4.5
2.5
4.5
1.5
3.5
4606 G13
5.0
2.0
4.0
1.0
3.0
SEE FREQUENCY ADJUSTMENT SECTION
FOR OPERATIONS OUTSIDE THIS REGION
OPERATION REGION
WITH DEFAULT FREQUENCY
Start-Up, IOUT = 0A
VOUT
0.5V/DIV
IIN
0.5A/DIV
1ms/DIV
4606 G09
VIN = 12V
VOUT = 1.5V
COUT = 1x 22μF, 6.3V CERAMIC
1x 330μF, 4V SANYO POSCAP
SOFT-START = 3.9nF
–55°C, Start-Up, IOUT = 6A
VOUT
0.5V/DIV
IIN
0.5A/DIV
1ms/DIV
4606 G17
VIN = 12V
VOUT = 1.5V
COUT = 2x 22μF, 10V CERAMIC
1x 100μF, 6.3V CERAMIC
SOFT-START = 3.9nF
VFB vs Temperature
TEMPERATURE (°C)
–55
0.594
0.596
0.598
5
–25
4606 G18
0.606
0.604
0.602
0.600
125
95
65
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com