Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4606MPV Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4606MPV
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606MPV Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4606MPV Datasheet HTML 8Page - Linear Technology LTM4606MPV Datasheet HTML 9Page - Linear Technology LTM4606MPV Datasheet HTML 10Page - Linear Technology LTM4606MPV Datasheet HTML 11Page - Linear Technology LTM4606MPV Datasheet HTML 12Page - Linear Technology LTM4606MPV Datasheet HTML 13Page - Linear Technology LTM4606MPV Datasheet HTML 14Page - Linear Technology LTM4606MPV Datasheet HTML 15Page - Linear Technology LTM4606MPV Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTM4606
12
4606f
APPLICATIONS INFORMATION
Soft-Start and Tracking
The TRACK/SS pin provides a means to either soft-start
the regulator or track it to a different power supply. A
capacitor on this pin will program the ramp rate of the
output voltage. A 1.5μA current source will charge up the
external soft-start capacitor to 80% of the 0.6V internal
voltage reference minus any margin delta. This will control
the ramp of the internal reference and the output voltage.
The total soft-start time can be calculated as:
tV V
C
µA
SOFTSTART
OUT MARGIN
SS
≅
()
0 8
06
15
.•
.
–
•
.
()
When the RUN pin falls below 2.5V, then the SS pin is reset
to allow for proper soft-start control when the regulator is
enabled again. Current foldback and force continuous mode
are disabled during the soft-start process. The soft-start
function can also be used to control the output ramp up time,
so that another regulator can be easily tracked to it.
Output Voltage Tracking
Output voltage tracking can be programmed externally
using the TRACK/SS pin. The output can be tracked up and
down with another regulator. The master regulator’s output
is divided down with an external resistor divider that is the
same as the slave regulator’s feedback divider. Figure 4
shows an example of coincident tracking. Ratiometric
modes of tracking can be achieved by selecting different
resistor values to change the output tracking ratio. The
master output must be greater than the slave output for
the tracking to work. Figure 5 shows the coincident output
tracking characteristics.
DUTY CYCLE (VO/VIN)
0.1
0.15 0.2 0.25
0.35
0.3
0.4 0.45
0.5 0.55 0.6 0.65 0.7 0.75 0.8 0.85 0.9
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
4612 F05
6-PHASE
4-PHASE
3-PHASE
2-PHASE
1-PHASE
Figure 3. Normalized Output Ripple Current vs Duty Cycle, Dlr = VOT/LI
Figure 4. Output Voltage Coincident Tracking
PGOOD
VD
RUN
COMP
INTVCC
DRVCC
TRACK/SS
fSET
VOUT
VFB
FCB
MARG0
MARG1
MPGM
TRACK
CONTROL
PLLIN
LTM4606
19.1k
100k
R1
19.1k
MASTER
OUTPUT
R2
60.4k
COUT
SLAVE
OUTPUT
2.5V
4606 F04
CIN
VIN
PGND
SGND
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com