Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4606MPV Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4606MPV
Description  Ultralow EMI 28VIN, 6A DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606MPV Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4606MPV Datasheet HTML 11Page - Linear Technology LTM4606MPV Datasheet HTML 12Page - Linear Technology LTM4606MPV Datasheet HTML 13Page - Linear Technology LTM4606MPV Datasheet HTML 14Page - Linear Technology LTM4606MPV Datasheet HTML 15Page - Linear Technology LTM4606MPV Datasheet HTML 16Page - Linear Technology LTM4606MPV Datasheet HTML 17Page - Linear Technology LTM4606MPV Datasheet HTML 18Page - Linear Technology LTM4606MPV Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTM4606
15
4606f
APPLICATIONS INFORMATION
Figure 12. No Heat Sink
Figure 13. BGA Heat Sink
AMBIENT TEMPERATURE (°C)
70
0
1
2
3
4
5
6
75
80
85
90
4606 F12
95
12VIN, 3.3VOUT, 0LFM
12VIN, 3.3VOUT, 200LFM
12VIN, 3.3VOUT, 400LFM
AMBIENT TEMPERATURE (°C)
70
0
1
2
3
4
5
6
75
80
85
90
4606 F13
95
12VIN, 3.3VOUT, 0LFM
12VIN, 3.3VOUT, 200LFM
12VIN, 3.3VOUT, 400LFM
Figure 15. BGA Heat Sink
AMBIENT TEMPERATURE (°C)
60
0
1
2
3
4
6
65
70
75
80
4606 G15
85
90
5
24VIN, 3.3VOUT, 0LFM
24VIN, 3.3VOUT, 200LFM
24VIN, 3.3VOUT, 400LFM
Figure 14. No Heat Sink
AMBIENT TEMPERATURE (°C)
60
0
1
2
3
4
5
6
65
70
75
80
4606 F14
85
24VIN, 3.3VOUT, 0LFM
24VIN, 3.3VOUT, 200LFM
24VIN, 3.3VOUT, 400LFM
with a rating twice the maximum input current needs to be
provided to protect each unit from catastrophic failure.
Radiated EMI Noise
High radiated EMI noise is a disadvantage for switching
regulators by nature. Fast switching turn-on and turn-off
make large di/dt change in the converters, which act as
the radiation sources in most systems. The LTM4606 in-
tegrates the feature to minimize the radiated EMI noise for
applications with low-noise requirements. Optimized gate
driver for the MOSFET and noise cancellation network are
installed inside the LTM4606 to achieve low radiated EMI
noise. Figure 16 shows a typical example for LTM4606 to
meet the Class B of CISPR 22 radiated emission limit.
Figure 16. Radiated Emission Scan with 12VIN to 2.5VOUT at 6A.
CISPR.22 Class B Chase 6141 BiLog, RG-8 1.5 Meters Chase
CPA9231A Horizontal, 3 Meters All Sides, 30MHz to 1000MHz,
RES BW 120kHz, SWP 455ms.
FREQUENCY (MHz)
0
100
10
90
70
50
30
80
60
40
20
0
500
900
300
700
4606 F16
1000
400
800
200
600
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com